Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NTLJS4114N Datasheet(PDF) 5 Page - ON Semiconductor

No. de Pieza. NTLJS4114N
Descripción  Power MOSFET 30 V, 7.8 A, uCool Single N−Channel, 2x2 mm WDFN Package
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NTLJS4114N Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTLJS4114N
http://onsemi.com
5
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
Figure 12. Thermal Response
t, TIME (s)
1
1000
0.1
0.2
0.02
D = 0.5
0.05
0.01
SINGLE PULSE
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TA = P(pk) RqJA(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
100
1000
10
0.1
0.001
0.0001
0.000001
0.1
100
10
1
0.01
0.00001
See Note 2 on Page 1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn