Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NUF6001MU Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza NUF6001MU
Descripción Electrónicos  6 Line EMI Filter with ESD Protection in UDFN Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF6001MU Datasheet(HTML) 4 Page - ON Semiconductor

  NUF6001MU Datasheet HTML 1Page - ON Semiconductor NUF6001MU Datasheet HTML 2Page - ON Semiconductor NUF6001MU Datasheet HTML 3Page - ON Semiconductor NUF6001MU Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NUF6001MU
http://onsemi.com
4
PACKAGE DIMENSIONS
UDFN12, 2.5x1.2, 0.4P
CASE 517AE−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.25 AND
0.30 mm FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
B
E
D
D2
E2
BOTTOM VIEW
b
e
12X
0.10
B
0.05
A
C
C
K
12X
NOTE 3
2X
0.15 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.15 C
12X
A
A1
(A3)
0.08 C
0.10 C
C
SEATING
PLANE
SIDE VIEW
L
12X
1
6
7
12
DIM MIN
NOM
MAX
MILLIMETERS
A
0.45
0.50
0.55
A1
0.00
0.03
0.05
A3
0.127 REF
b
0.15
0.20
0.25
D
2.50 BSC
D2
1.70
1.80
1.90
E
1.20 BSC
E2
0.20
0.30
0.40
e
0.40 BSC
K
0.20
−−−
−−−
L
0.20
0.25
0.30
10X
1.50
12 X
0.40
0.45
11X
0.30
1.95
0.40 PITCH
DIMENSIONS: MILLIMETERS
0.35
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
DETAIL A
A1
A3
DETAIL A
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NUF6001MU/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Número de pieza similar - NUF6001MU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NUF6001MU ONSEMI-NUF6001MU Datasheet
144Kb / 6P
   6-Channel EMI Filter
August, 2009 ??Rev. 4
NUF6001MUT2G ONSEMI-NUF6001MUT2G Datasheet
144Kb / 6P
   6-Channel EMI Filter
August, 2009 ??Rev. 4
NUF6001MU ONSEMI-NUF6001MU_09 Datasheet
144Kb / 6P
   6-Channel EMI Filter
August, 2009 ??Rev. 4
More results

Descripción similar - NUF6001MU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NUF6005MU ONSEMI-NUF6005MU Datasheet
80Kb / 4P
   6 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 1
NUF8000MU ONSEMI-NUF8000MU Datasheet
88Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 0
NUF8010MU ONSEMI-NUF8010MU Datasheet
87Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 0
NUF8001MU ONSEMI-NUF8001MU Datasheet
63Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
August, 2006 ??Rev. 0
NUF6010MU ONSEMI-NUF6010MU Datasheet
80Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 3
NUF6410MN ONSEMI-NUF6410MN Datasheet
76Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 2
NUF6401MN ONSEMI-NUF6401MN_06 Datasheet
50Kb / 4P
   6 Line EMI Filter with ESD Protection
July, 2006 ??Rev. 4
NUF2450MU ONSEMI-NUF2450MU Datasheet
60Kb / 3P
   2 Line EMI Filter with ESD Protection in UDFN8 Package
December, 2006 ??Rev. 0
logo
Alpha & Omega Semicondu...
AOZ8015 AOSMD-AOZ8015 Datasheet
315Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8035 AOSMD-AOZ8035 Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com