Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NUP8028MN Datasheet(PDF) 1 Page - ON Semiconductor

No. de Pieza. NUP8028MN
Descripción  Low Capacitance Transient Voltage Suppressor Array
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NUP8028MN Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 0
1
Publication Order Number:
NUP8028MN/D
NUP8028MN
Low Capacitance Transient
Voltage Suppressor Array
This integrated transient voltage suppressor device (TVS) is
designed for applications requiring transient overvoltage protection. It
is intended for use in sensitive equipment such as computers, printers,
business machines, communication systems, medical equipment, and
other applications. Its integrated design provides very effective and
reliable protection for eight separate lines using only one package.
These devices are ideal for situations where board space is at a
premium.
Features
Low Capacitance
Low Leakage Current < 1 mA @ 3 V
ESD Ratings:
IEC61000−4−2, 18 kV (Contact)
IEC61000−4−2, 30 kV (Air)
Machine Model = Class C, 400 V
Human Body Model = Class 3B, 8 kV
DFN Package, 1.6 x 1.6 mm
Moisture Sensitivity Level 1
This is a Pb−Free Device
Benefits
Provides Protection for ESD Industry Standards: IEC 61000, HBM
Protects the Line Against Transient Voltage Conditions in Either
Direction
Minimize Power Consumption of the System
Minimize PCB Board Space
Applications
ESD Protection for Data Lines
Wireless Phones
Handheld Products
Notebook Computers
LCD Displays
Device
Package
Shipping
ORDERING INFORMATION
NUP8028MNT1G
DFN8
(Pb−Free)
3000 / Tape & Reel
MARKING
DIAGRAM
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
8
5S
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
5S
G
G
1
1
(Top View)
8
2
7
3
6
4
5
PIN CONNECTIONS
(Bottom View)
8
7
6
5
1
2
3
4
DFN8
CASE 506AK
(Note: Microdot may be in either location)


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn