Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NUS5530MN Datasheet(PDF) 6 Page - ON Semiconductor

No. de Pieza. NUS5530MN
Descripción  Integrated Power MOSFET with PNP Low VCE(sat) Switching Transistor
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NUS5530MN Datasheet(HTML) 6 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NUS5530MN
http://onsemi.com
6
TYPICAL ELECTRICAL CHARACTERISTICS FOR P−CHANNEL FET
812
4
016
1200
900
600
300
0
20
−VDS, DRAIN−TO−SOURCE VOLTAGE ()
Figure 6. Capacitance Variation
Figure 7. Gate−to−Source and
Drain−to−Source Voltage versus Total Charge
QG, TOTAL GATE CHARGE (nC)
TJ = 25°C
VGS = 0
Coss
Ciss
Crss
1500
0
1
2
3
4
5
0
1
23
45
6789
10
0
1
2
3
4
5
6
7
8
9
10
11
QG
QGD
QGS
ID = −3.9 A
TJ = 25°C
QGD/QGS = 3.0
Figure 8. Diode Forward Voltage versus
Current
0.3
0.1
0.5
0.7
0.9
5
3
2
1
0
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
4
0.0001
1
0.01
10
0.1
0.01
SQUARE WAVE PULSE DURATION (sec)
0.1
1
0.001
Figure 9. Normalized Thermal Transient Impedance, Junction−to−Ambient
Duty Cycle = 0.5
100
1000
0.2
Single Pulse
0.1
0.05
0.02
PER UNIT BASE = RqJA = 80°C/W
TJM − TA = PDMZqJA(t)
SURFACE MOUNTED
PDM
t1
t2
DUTY CYCLE, D = t1/t2


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn