Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NUS5530MN Datasheet(PDF) 4 Page - ON Semiconductor

No. de Pieza. NUS5530MN
Descripción  Integrated Power MOSFET with PNP Low VCE(sat) Switching Transistor
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NUS5530MN Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NUS5530MN
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS FOR PNP TRANSISTORS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typical
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage (IC = −10 mAdc, IB = 0)
V(BR)CEO
−35
−45
Vdc
Collector −Base Breakdown Voltage (IC = −0.1 mAdc, IE = 0)
V(BR)CBO
−55
−65
Vdc
Emitter −Base Breakdown Voltage (IE = −0.1 mAdc, IC = 0)
V(BR)EBO
−5.0
−7.0
Vdc
Collector Cutoff Current (VCB = −35 Vdc, IE = 0)
ICBO
−0.03
−0.1
mAdc
Collector−Emitter Cutoff Current (VCES = −35 Vdc)
ICES
−0.03
−0.1
mAdc
Emitter Cutoff Current (VEB = −6.0 Vdc)
IEBO
−0.01
−0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 7)
(IC = −1.0 A, VCE = −2.0 V)
(IC = −1.5 A, VCE = −2.0 V)
(IC = −2.0 A, VCE = −2.0 V)
hFE
100
100
100
200
200
200
400
Collector −Emitter Saturation Voltage (Note 7)
(IC = −0.1 A, IB = −0.010 A)
(IC = −1.0 A, IB = −0.010 A)
(IC = −2.0 A, IB = −0.02 A)
VCE(sat)
−0.10
−0.15
−0.30
V
Base −Emitter Saturation Voltage (Note 7)
(IC = −1.0 A, IB = −0.01 A)
VBE(sat)
−0.68
−0.85
V
Base −Emitter Turn−on Voltage (Note 7)
(IC = −2.0 A, VCE = −3.0 V)
VBE(on)
−0.81
−0.875
V
Cutoff Frequency (IC = −100 mA, VCE = −5.0 V, f = 100 MHz)
fT
100
MHz
Input Capacitance (VEB = −0.5 V, f = 1.0 MHz)
Cibo
600
650
pF
Output Capacitance (VCB = −3.0 V, f = 1.0 MHz)
Cobo
85
100
pF
Turn−on Time (VCC = −10 V, IB1 = −100 mA, IC = −1 A, RL = 3 W)
ton
35
nS
Turn−off Time (VCC = −10 V, IB1 = IB2 = −100 mA, IC = 1 A, RL = 3 W)
toff
225
nS
7. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle ≤ 2%


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn