Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SRDA05-4R2 Datasheet(PDF) 1 Page - ON Semiconductor

No. de Pieza. SRDA05-4R2
Descripción  Low Capacitance Surface Mount TVS for High−Speed Data Interfaces
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

SRDA05-4R2 Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 4
1
Publication Order Number:
SRDA05−4R2/D
SRDA05−4R2
Low Capacitance Surface
Mount TVS for High−Speed
Data Interfaces
The SRDA05−4 transient voltage suppressor is designed to protect
equipment attached to high speed communication lines from ESD,
EFT, and lightning.
Features:
SO−8 Package
Peak Power − 500 Watts 8 x 20 mS
ESD Rating:
IEC 61000−4−2 (ESD) 15 kV (air) 8 kV (contact)
IEC 61000−4−4 (EFT) 40 A (5/50 ns)
IEC 61000−4−5 (lightning) 23 (8/20
ms)
UL Flammability Rating of 94 V−0
Typical Applications:
High Speed Communication Line Protection
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation
8 x 20
mS @ TA = 25°C (Note 1)
Ppk
500
W
Junction and Storage
Temperature Range
TJ, Tstg
− 55 to
+150
°C
Lead Solder Temperature −
Maximum 10 Seconds Duration
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Non−repetitive current pulse 8 x 20
mS exponential decay waveform
SO−8 LOW CAPACITANCE
VOLTAGE SUPPRESSOR
500 WATTS PEAK POWER
6 VOLTS
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
SRDA05−4R2
SO−8
2500/Tape & Reel
SO−8
CASE 751
PLASTIC
PIN CONFIGURATION
AND SCHEMATIC
I/O 1 1
REF 1 2
REF 1 3
I/O 2 4
8 REF 2
7 I/O 4
6 I/O 3
5 REF 2
http://onsemi.com
1
8
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
SRDA5
AYWW
1
8
SRDA5 = Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn