Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HM514170C Datasheet(PDF) 1 Page - Hitachi Semiconductor

No. de pieza HM514170C
Descripción Electrónicos  262,144-word x 16-bit Dynamic Random Access Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM514170C Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HM514170C Datasheet HTML 1Page - Hitachi Semiconductor HM514170C Datasheet HTML 2Page - Hitachi Semiconductor HM514170C Datasheet HTML 3Page - Hitachi Semiconductor HM514170C Datasheet HTML 4Page - Hitachi Semiconductor HM514170C Datasheet HTML 5Page - Hitachi Semiconductor HM514170C Datasheet HTML 6Page - Hitachi Semiconductor HM514170C Datasheet HTML 7Page - Hitachi Semiconductor HM514170C Datasheet HTML 8Page - Hitachi Semiconductor HM514170C Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
HM514170C Series
HM51S4170C Series
262,144-word
× 16-bit Dynamic Random Access Memory
Rev. 1.0
Jul. 21, 1995
Description
The Hitachi HM51(S)4170C are CMOS dynamic RAM organized as 262,144-word
× 16-bit.
HM51(S)4170C have realized higher density, higher performance and various functions by employing 0.8
µm CMOS process technology and some new CMOS circuit design technologies. The HM51(S)4170C
offer fast page mode as a high speed access mode.
Multiplexed address input permits the
HM51(S)4170C to be packaged in standard 400-mil 40-pin plastic SOJ and standard 400-mil 44-pin
plastic TSOPII. Internal refresh timer enables HM51S4170C self refresh operation.
Features
Single 5 V (
±10%)
High speed
— Access time: 70 ns/80 ns (max)
Low power dissipation
— Active mode: 660 mW/578 mW (max)
— Standby mode: 11 mW (max)
1.1 mW (max) (L-version)
Fast page mode capability
1024 refresh cycles: 16 ms
128 ms (L-version)
•2
WE-byte control
2 variations of refresh
RAS-only refresh
CAS-before-RAS refresh
Battery backup operation (L-version)
Self refresh operation (HM51S4170C)


Número de pieza similar - HM514170C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HM514170D HITACHI-HM514170D Datasheet
271Kb / 33P
   262,144-word x 16-bit Dynamic RAM
HM514170DJ-6 HITACHI-HM514170DJ-6 Datasheet
271Kb / 33P
   262,144-word x 16-bit Dynamic RAM
HM514170DJ-7 HITACHI-HM514170DJ-7 Datasheet
271Kb / 33P
   262,144-word x 16-bit Dynamic RAM
HM514170DJ-8 HITACHI-HM514170DJ-8 Datasheet
271Kb / 33P
   262,144-word x 16-bit Dynamic RAM
HM514170DLJ-6 HITACHI-HM514170DLJ-6 Datasheet
271Kb / 33P
   262,144-word x 16-bit Dynamic RAM
More results

Descripción similar - HM514170C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HM514260C HITACHI-HM514260C Datasheet
260Kb / 27P
   262,144-word x 16-bit Dynamic Random Access Memory
logo
Texas Instruments
SMJ4256 TI-SMJ4256 Datasheet
947Kb / 19P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
Hitachi Semiconductor
HM5118165A HITACHI-HM5118165A Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118165B HITACHI-HM5118165B Datasheet
1Mb / 31P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118160B HITACHI-HM5118160B Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK532256AW ACCUTEK-AK532256AW Datasheet
67Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
AK59256AS ACCUTEK-AK59256AS Datasheet
96Kb / 2P
   262,144 Word by 9 bit, CMOS Dynamic Random Access Memory
AK536256W ACCUTEK-AK536256W Datasheet
86Kb / 2P
   262,144 Word by 36 Bit CMOS Dynamic Random Access Memory
AK532256W ACCUTEK-AK532256W Datasheet
69Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
logo
NTE Electronics
NTE21256 NTE-NTE21256 Datasheet
42Kb / 6P
   262,144-Bit Dynamic Random Access Memory (DRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com