Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74ALVCHT16835DGV Datasheet(PDF) 5 Page - NXP Semiconductors |
|
74ALVCHT16835DGV Datasheet(HTML) 5 Page - NXP Semiconductors |
5 / 12 page Philips Semiconductors Product data 74ALVCHT16835 18-bit registered driver (3-State) 2002 Jun 05 5 RECOMMENDED OPERATING CONDITIONS SYMBOL PARAMETER CONDITIONS MIN MAX UNIT DC supply voltage 2.5 V range (for max. speed performance @ 30 pF output load) 2.3 2.7 VCC DC supply voltage 3.3 V range (for max. speed performance @ 50 pF output load) 3.0 3.6 V DC supply voltage (for low-voltage applications) 2.3 3.6 VI DC Input voltage range 0 VCC V VO DC output voltage range 0 VCC V Tamb Operating free-air temperature range –40 +85 °C tr, tf Input rise and fall times VCC = 2.3 to 3.0 V VCC = 3.0 to 3.6 V 0 0 20 10 ns/V ABSOLUTE MAXIMUM RATINGS In accordance with the Absolute Maximum Rating System (IEC 134). Voltages are referenced to GND (ground = 0 V). SYMBOL PARAMETER CONDITIONS RATING UNIT VCC DC supply voltage –0.5 to +4.6 V IIK DC input diode current VI t0 -50 mA V DC input voltage For control pins1 –0.5 to +4.6 V VI DC input voltage For data inputs1 –0.5 to VCC +0.5 V IOK DC output diode current VO uVCC or VO t 0 "50 mA VO DC output voltage Note 1 –0.5 to VCC +0.5 V IO DC output source or sink current VO = 0 to VCC "50 mA IGND, ICC DC VCC or GND current "100 mA Tstg Storage temperature range –65 to +150 °C PTOT Power dissipation per package -plastic thin-medium-shrink (TSSOP) For temperature range: –40 to +125 °C above +55 °C derate linearly with 8 mW/K 600 mW ΘJA Package thermal impedance See Note 2 93 °C/W NOTE: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51. |
Número de pieza similar - 74ALVCHT16835DGV |
|
Descripción similar - 74ALVCHT16835DGV |