Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74HC2G17GW Datasheet(PDF) 6 Page - NXP Semiconductors |
|
74HC2G17GW Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 18 page 74HC_HCT2G17_1 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 01 — 6 October 2006 6 of 18 NXP Semiconductors 74HC2G17; 74HCT2G17 Dual non-inverting Schmitt trigger VOL LOW-level output voltage VI = VIH or VIL IO = 20 µA; VCC = 2.0 V - - 0.1 V IO = 20 µA; VCC = 4.5 V - - 0.1 V IO = 20 µA; VCC = 6.0 V - - 0.1 V IO = 4.0 mA; VCC = 4.5 V - - 0.4 V IO = 5.2 mA; VCC = 6.0 V - - 0.4 V II input leakage current VI = GND or VCC; VCC = 6.0 V - - ±1.0 µA ICC supply current VI = GND or VCC; IO = 0 A; VCC = 6.0 V - - 20.0 µA Table 7. Static characteristics for 74HC2G17 …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit Table 8. Static characteristics for 74HCT2G17 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit Tamb = 25 °C VOH HIGH-level output voltage VI = VIH or VIL; VCC = 4.5 V IO = −20 µA 4.4 4.5 - V IO = −4.0 mA 4.18 4.32 - V VOL LOW-level output voltage VI = VIH or VIL; VCC = 4.5 V IO = −20 µA - 0 0.1 V IO = −4.0 mA - 0.15 0.26 V II input leakage current VI = GND or VCC; VCC = 5.5 V - - ±0.1 µA ICC supply current VI = GND or VCC; IO = 0 A; VCC = 5.5 V - - 1.0 µA ∆ICC additional supply current VI = VCC − 2.1 V; VCC = 4.5 V to 5.5 V; IO = 0 A - - 300 µA CI input capacitance - 2.0 - pF Tamb = −40 °C to +85 °C VOH HIGH-level output voltage VI = VIH or VIL; VCC = 4.5 V IO = −20 µA 4.4 - - V IO = −4.0 mA 4.13 - - V VOL LOW-level output voltage VI = VIH or VIL; VCC = 4.5 V IO = −20 µA - - 0.1 V IO = −4.0 mA - - 0.33 V II input leakage current VI = GND or VCC; VCC = 5.5 V - - ±1.0 µA ICC supply current VI = GND or VCC; IO = 0 A; VCC = 5.5 V - - 10.0 µA ∆ICC additional supply current VI = VCC − 2.1 V; VCC = 4.5 V to 5.5 V; IO = 0 A - - 375 µA |
Número de pieza similar - 74HC2G17GW |
|
Descripción similar - 74HC2G17GW |