Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G332GM Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74LVC1G332GM
Descripción Electrónicos  Single 3-input OR gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G332GM Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC1G332GM Datasheet HTML 1Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 2Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 3Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 4Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74LVC1G332_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 11 October 2006
3 of 15
NXP Semiconductors
74LVC1G332
Single 3-input OR gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
Fig 4.
Pin configuration SOT363
(SC-88) and SOT457 (SC-74)
Fig 5.
Pin configuration SOT886
(XSON6)
Fig 6.
Pin configuration SOT891
(XSON6)
74LVC1G332
AC
GND
BY
001aaf473
1
2
3
6
VCC
5
4
74LVC1G332
GND
001aaf474
A
B
VCC
C
Y
Transparent top view
2
3
1
5
4
6
74LVC1G332
GND
001aaf475
A
B
VCC
C
Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
A
1
data input A
GND
2
ground (0 V)
B
3
data input B
Y
4
data output Y
VCC
5
supply voltage
C
6
data input C
Table 4.
Function table[1]
Input
Output
A
B
C
Y
H
XXH
XH
XH
XXH
H
LLLL


Número de pieza similar - 74LVC1G332GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G332GM NXP-74LVC1G332GM Datasheet
84Kb / 14P
   Single 3-input OR gate
Rev. 02-19 July 2007
logo
Nexperia B.V. All right...
74LVC1G332GM NEXPERIA-74LVC1G332GM Datasheet
260Kb / 16P
   Single 3-input OR gate
Rev. 11 - 10 May 2023
More results

Descripción similar - 74LVC1G332GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVC1G332 NEXPERIA-74LVC1G332 Datasheet
260Kb / 16P
   Single 3-input OR gate
Rev. 11 - 10 May 2023
logo
NXP Semiconductors
74LVC1G332 NXP-74LVC1G332 Datasheet
84Kb / 14P
   Single 3-input OR gate
Rev. 02-19 July 2007
logo
ON Semiconductor
NL17SZ332 ONSEMI-NL17SZ332 Datasheet
304Kb / 11P
   Single 3-Input OR Gate
September, 2020 ??Rev. 1
logo
Texas Instruments
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
[Old version datasheet]   Single 3-Input Positive-OR Gate
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
285Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
logo
ON Semiconductor
NLX1G332 ONSEMI-NLX1G332_16 Datasheet
77Kb / 7P
   3-Input OR Gate
June, 2016 ??Rev. 5
NLX1G332 ONSEMI-NLX1G332 Datasheet
141Kb / 8P
   3-Input OR Gate
September, 2009 ??Rev. 0
logo
Texas Instruments
SN74LVC1G0832 TI-SN74LVC1G0832 Datasheet
281Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com