Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LPC3180 Datasheet(PDF) 1 Page - NXP Semiconductors

No. de Pieza. LPC3180
Descripción  16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC3180 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC3180 Hoja de datos HTML 1Page - NXP Semiconductors LPC3180 Hoja de datos HTML 2Page - NXP Semiconductors LPC3180 Hoja de datos HTML 3Page - NXP Semiconductors LPC3180 Hoja de datos HTML 4Page - NXP Semiconductors LPC3180 Hoja de datos HTML 5Page - NXP Semiconductors LPC3180 Hoja de datos HTML 6Page - NXP Semiconductors LPC3180 Hoja de datos HTML 7Page - NXP Semiconductors LPC3180 Hoja de datos HTML 8Page - NXP Semiconductors LPC3180 Hoja de datos HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1.
General description
The LPC3180 is an ARM9-based microcontroller for embedded applications requiring
high performance combined with low power dissipation. It achieves these objectives
through the combination of Philips' state-of-the-art 90 nanometer technology with an
ARM926EJ-S CPU core with a Vector Floating Point (VFP) coprocessor and a large array
of standard peripherals including USB On-The-Go.
The microcontroller can operate at over 200 MHz CPU frequency (about 220 MIPS per
ARM Inc.). The ARM926EJ-S CPU incorporates a 5-stage pipeline and has a Harvard
architecture with separate 32 kB instruction and data caches, a demand paged MMU,
DSP instruction extensions with a single cycle MAC, and Jazelle Java bytecode execution
hardware. A block diagram of the microcontroller is shown in Figure 1.
Power optimization in this microcontroller is done through process and technology
development (Intrinsic Power), and architectural means (Managed Power).
The LPC3180 also incorporates an SDRAM interface, NAND flash interfaces, USB 2.0
full-speed interface, seven UARTs, two I2C-bus interfaces, two SPI ports, a Secure Digital
(SD) interface, and a 10-bit ADC in addition to many other features.
2.
Features
2.1 Key features
I ARM926EJ-S processor with 32 kB instruction cache and 32 kB data cache, running
at up to 208 MHz.
I 64 kB of SRAM.
I High-performance multi-layer AHB bus system provides a separate bus for CPU data
and instruction fetch, two data buses for the DMA controller, and another for the USB
controller.
I External memory interfaces: one supports DDR and SDR SDRAM, another supports
single-level and multi-level NAND flash devices and can serve as an 8-bit parallel
interface.
I General purpose DMA controller that can be used with the SD card and SPI interfaces,
as well as for memory-to-memory transfers.
I USB 2.0 full-speed device, host (OHCI compliant), and OTG block. A dedicated PLL
provides the 48 MHz USB clock.
I Multiple serial interfaces, including seven UARTs, two SPI controllers, and two single
master I2C-bus interfaces.
I SD memory card interface.
LPC3180
16/32-bit ARM microcontroller; hardware floating-point
coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 01 — 2 June 2006
Preliminary data sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn