Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LPC3180 Datasheet(PDF) 29 Page - NXP Semiconductors

No. de pieza LPC3180
Descripción Electrónicos  16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC3180 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC3180 Datasheet HTML 25Page - NXP Semiconductors LPC3180 Datasheet HTML 26Page - NXP Semiconductors LPC3180 Datasheet HTML 27Page - NXP Semiconductors LPC3180 Datasheet HTML 28Page - NXP Semiconductors LPC3180 Datasheet HTML 29Page - NXP Semiconductors LPC3180 Datasheet HTML 30Page - NXP Semiconductors LPC3180 Datasheet HTML 31Page - NXP Semiconductors LPC3180 Datasheet HTML 32Page - NXP Semiconductors LPC3180 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LPC3180_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 2 June 2006
29 of 36
Philips Semiconductors
LPC3180
16/32-bit ARM microcontroller with external memory interface
8.
Static characteristics
Table 5.
Static characteristics
Ta = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD(1V2)
supply voltage (1.2 V)
core supply voltage for full
performance; full frequency
range
[2] 1.1
1.2
1.3
V
core supply voltage for
reduced power; up to
14 MHz CPU
[2] 0.9
-
1.3
V
RTC supply voltage
[3] 0.9
-
1.3
V
PLL and oscillator supply
voltage
[4] 1.1
1.2
1.3
V
VDD(1V8)
supply voltage (1.8 V)
external supply voltage
[5] 1.7
1.8
1.95
V
VDD(3V0)
supply voltage (3.0 V)
external supply voltage
[6] 2.7
3
3.3
V
VDDA(3V0) analog supply voltage (3.0 V)
applies to VDD_AD28 pins
2.7
3
3.3
V
VDD
supply voltage
in 1.8 V range
[7] 1.7
1.8
1.95
V
in 3.0 V range
2.7
3
3.3
V
IIL
LOW-state input current
VI = 0 V; no pull-up
-
-
3
µA
IIH
HIGH-state input current
VI = VDD; no pull-down
[8] --
3
µA
IOZ
OFF-state output current
VO = 0 V; VO =VDD; no
pull-up/down
[8] --
3
µA
Ilatch
I/O latch-up current
−(1.5VDD) < VI < (1.5VDD)
[8] -
-
100
mA
VI
input voltage
[8][9]
[10][11]
0-
VDD
V
VIH
HIGH-state input voltage
1.8 V inputs
1.6
-
-
V
3.0 V inputs
2.0
-
-
V
VIL
LOW-state input voltage
1.8 V inputs
-
-
0.6
V
3.0 V inputs
-
-
0.8
V
VOH
HIGH-state output voltage
1.8 V outputs; IOH = −1 mA
[12] VDD − 0.4 -
-
V
3.0 V outputs; IOH = −4 mA
[12] VDD − 0.4 -
-
V
VOL
LOW-state output voltage
1.8 V outputs; IOL = 4 mA
[12] -
-
0.4
V
3.0 V outputs; IOL = 4 mA
[12] -
-
0.4
V
IOH
HIGH-state output current
VOH = VDD − 0.4 V
[8][12] -
−4-
mA
IOL
LOW-state output current
VOL = 0.4 V
[8][12] -4
-
mA
IOHS
HIGH-state short-circuit output current
VOH = 0 V
[13] -
−45
-
mA
IOLS
LOW-state short-circuit output current
VOL = VDD
[8][13] -45
-
mA


Número de pieza similar - LPC3180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
LPC3180 NXP-LPC3180 Datasheet
845Kb / 36P
   16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 02-15 February 2007
LPC3180/01 NXP-LPC3180/01 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC3180FEL320 NXP-LPC3180FEL320 Datasheet
845Kb / 36P
   16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 02-15 February 2007
More results

Descripción similar - LPC3180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
LPC3180 NXP-LPC3180 Datasheet
845Kb / 36P
   16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 02-15 February 2007
LPC3220 NXP-LPC3220 Datasheet
365Kb / 73P
   16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Rev. 01-6 February 2009
LPC2210 PHILIPS-LPC2210 Datasheet
181Kb / 39P
   16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2290 NXP-LPC2290 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
LPC2290 PHILIPS-LPC2290_15 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
logo
Digital Core Design
DFPMU DCD-DFPMU Datasheet
138Kb / 5P
   Floating Point Coprocessor
logo
Winbond
W90P710 WINBOND-W90P710_05 Datasheet
2Mb / 526P
   16/32-bit ARM microcontroller
W90N745CD WINBOND-W90N745CD Datasheet
2Mb / 422P
   16/32-bit ARM microcontroller
logo
Motorola, Inc
MC68881 MOTOROLA-MC68881 Datasheet
1Mb / 48P
   HCMOS Floating-Point Coprocessor
logo
Digital Core Design
DFPAU DCD-DFPAU Datasheet
137Kb / 5P
   Floating Point Arithmetic Coprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com