Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P89LPC9401 Datasheet(PDF) 3 Page - NXP Semiconductors |
|
P89LPC9401 Datasheet(HTML) 3 Page - NXP Semiconductors |
3 / 59 page P89LPC9401_1 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Preliminary data sheet Rev. 01 — 5 September 2005 3 of 59 Philips Semiconductors P89LPC9401 8-bit two-clock 80C51 microcontroller with 32 segment × 4 LCD driver 3. Ordering information 3.1 Ordering options Table 1: Ordering information Type number Package Name Description Version P89LPC9401FBD LQFP64 plastic low profile quad flat package; 64 leads; body 14 × 14 × 1.4 mm SOT791-1 Table 2: Part options Type number Flash memory Temperature range Frequency P89LPC9401FBD 8 kB −40 °Cto+85 °C 0 MHz to 18 MHz |
Número de pieza similar - P89LPC9401 |
|
Descripción similar - P89LPC9401 |