Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PCA9671 Datasheet(PDF) 28 Page - NXP Semiconductors

No. de pieza PCA9671
Descripción Electrónicos  Remote 16-bit I/O expander for Fm I2C-bus with reset
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9671 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCA9671 Datasheet HTML 24Page - NXP Semiconductors PCA9671 Datasheet HTML 25Page - NXP Semiconductors PCA9671 Datasheet HTML 26Page - NXP Semiconductors PCA9671 Datasheet HTML 27Page - NXP Semiconductors PCA9671 Datasheet HTML 28Page - NXP Semiconductors PCA9671 Datasheet HTML 29Page - NXP Semiconductors PCA9671 Datasheet HTML 30Page - NXP Semiconductors PCA9671 Datasheet HTML 31Page - NXP Semiconductors PCA9671 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
PCA9671_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 December 2006
28 of 34
NXP Semiconductors
PCA9671
Remote 16-bit I/O expander for Fm+ I2C-bus with reset
Fig 32. Package outline SOT616-1 (HVQFN24)
0.5
1
0.2
A1
Eh
b
UNIT
y
e
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
4.1
3.9
Dh
2.25
1.95
y1
4.1
3.9
2.25
1.95
e1
2.5
e2
2.5
0.30
0.18
c
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT616-1
MO-220
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT616-1
HVQFN24: plastic thermal enhanced very thin quad flat package; no leads;
24 terminals; body 4 x 4 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
712
24
19
18
13
6
1
X
D
E
C
B
A
e2
01-08-08
02-10-22
terminal 1
index area
terminal 1
index area
A
C
C
B
v M
w M
1/2
e
1/2
e
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)


Número de pieza similar - PCA9671

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PCA9671 NXP-PCA9671 Datasheet
204Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671 NXP-PCA9671 Datasheet
799Kb / 35P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 2-29 July 2010
PCA9671 NXP-PCA9671 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9671BQ NXP-PCA9671BQ Datasheet
204Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671BQ NXP-PCA9671BQ Datasheet
799Kb / 35P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 2-29 July 2010
More results

Descripción similar - PCA9671

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PCA9671 NXP-PCA9671 Datasheet
204Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671 NXP-PCA9671_10 Datasheet
799Kb / 35P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 2-29 July 2010
PCA9670 NXP-PCA9670 Datasheet
170Kb / 28P
   Remote 8-bit I/O expander for Fm I2C-bus with reset
Rev. 02-17 July 2007
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9673 NXP-PCA9673 Datasheet
208Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9675 NXP-PCA9675 Datasheet
207Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA9675 PHILIPS-PCA9675 Datasheet
197Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA9672 NXP-PCA9672 Datasheet
172Kb / 27P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 02-6 July 2007
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com