Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

XA-G37 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de Pieza. XA-G37
Descripción  XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
Descarga  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo 

XA-G37 Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Philips Semiconductors
Product data
XA-G37
XA 16-bit microcontroller family
32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
2
PIN CONFIGURATIONS
44-Pin PLCC Package
PLCC
61
40
7
17
39
29
18
28
Pin
Function
1VSS
2
P1.0/A0/WRH
3
P1.1/A1
4
P1.2/A2
5
P1.3/A3
6
P1.4/RxD1
7
P1.5/TxD1
8
P1.6/T2
9
P1.7/T2EX
10
RST
11
P3.0/RxD0
12
NC
13
P3.1/TxD0
14
P3.2/INT0
15
P3.3/INT1
16
P3.4/T0
17
P3.5/T1/BUSW
18
P3.6/WRL
19
P3.7/RD
20
XTAL2
21
XTAL1
22
VSS
Pin
Function
23
VDD
24
P2.0/A12D8
25
P2.1/A13D9
26
P2.2/A14D10
27
P2.3/A15D11
28
P2.4/A16D12
29
P2.5/A17D13
30
P2.6/A18D14
31
P2.7/A19D15
32
PSEN
33
ALE/PROG
34
NC
35
EA/VPP/WAIT
36
P0.7/A11D7
37
P0.6/A10D6
38
P0.5/A9D5
39
P0.4/A8D4
40
P0.3/A7D3
41
P0.2/A6D2
42
P0.1/A5D1
43
P0.0/A4D0
44
VDD
SU00525
44-Pin LQFP Package
LQFP
44
34
1
11
33
23
12
22
Pin
Function
1
P1.5/TxD1
2
P1.6/T2
3
P1.7/T2EX
4
RST
5
P3.0/RxD0
6NC
7
P3.1/TxD0
8
P3.2/INT0
9
P3.3/INT1
10
P3.4/T0
11
P3.5/T1/BUSW
12
P3.6/WRL
13
P3.7/RD
14
XTAL2
15
XTAL1
16
VSS
17
VDD
18
P2.0/A12D8
19
P2.1/A13D9
20
P2.2/A14D10
21
P2.3/A15D11
22
P2.4/A16/D12
Pin
Function
23
P2.5/A17D13
24
P2.6/A18D14
25
P2.7/A19D15
26
PSEN
27
ALE/PROG
28
NC
29
EA/VPP/WAIT
30
P0.7/A11D7
31
P0.6/A10D6
32
P0.5/A9D5
33
P0.4/A8D4
34
P0.3/A7D3
35
P0.2/A6D2
36
P0.1/A5D1
37
P0.0/A4D0
38
VDD
39
VSS
40
P1.0/A0/WRH
41
P1.1/A1
42
P1.2/A2
43
P1.3/A3
44
P1.4/RxD1
SU00580
LOGIC SYMBOL
VDD VSS
XTAL1
XTAL2
RST
EA/WAIT
T2*
T2EX*
A3
A2
SU00526
A1
A0/WRH
PSEN
ALE
T0
T1/BUSW
WRL
RD
RxD0
TxD0
INT0
INT1
*
NOT AVAILABLE ON 40-PIN DIP PACKAGE
TXD1
RXD1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn