Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8648ARZ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD8648ARZ
Descripción Electrónicos  Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8648ARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8648ARZ Datasheet HTML 4Page - Analog Devices AD8648ARZ Datasheet HTML 5Page - Analog Devices AD8648ARZ Datasheet HTML 6Page - Analog Devices AD8648ARZ Datasheet HTML 7Page - Analog Devices AD8648ARZ Datasheet HTML 8Page - Analog Devices AD8648ARZ Datasheet HTML 9Page - Analog Devices AD8648ARZ Datasheet HTML 10Page - Analog Devices AD8648ARZ Datasheet HTML 11Page - Analog Devices AD8648ARZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD8648
Rev. 0 | Page 8 of 12
VDD = 2.7V TO 5V
TA = 25°C
TIME (1s/DIV)
Figure 15. 0.1 Hz to 10 Hz Voltage Noise
TIME (40ns/DIV)
VDD = 5V
RL = 10kΩ
CL = 20pF
AV = 1
Figure 16. Small-Signal Transient Response
TIME (200ns/DIV)
VDD = 5V
RL = 100kΩ
CL = 20pF
AV = 1
Figure 17. Large-Signal Transient Response
VDD = 5V
VIN = 300mV rms
BW = 80kHz
RL = 100kΩ
0.01
0.001
100
20
1k
0.1
0.0001
10k
20k
FREQUENCY (Hz)
Figure 18. THD + Noise vs. Frequency
VDD = 5V
AV = 1
BW = 30kHz
RL = 100kΩ
f = 1kHz
0.01
0.001
0.01
0.001
0.1
1
0.1
0.0001
1
OUTPUT AMPLITUDE (V rms)
Figure 19. THD + Noise vs. Output Amplitude
VDD = 5V
RL = 10kΩ
TA = 25°C
60
50
40
30
20
10
100
70
0
10
1000
LOAD CAPACITANCE (pF)
OS+
OS–
Figure 20. Small-Signal Overshoot vs. Load Capacitance


Número de pieza similar - AD8648ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8648ARZ AD-AD8648ARZ Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8648ARZ AD-AD8648ARZ Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8648ARZ AD-AD8648ARZ Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8648ARZ-REEL AD-AD8648ARZ-REEL Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8648ARZ-REEL AD-AD8648ARZ-REEL Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
More results

Descripción similar - AD8648ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8061 AD-AD8061 Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062 AD-AD8062_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8063 AD-AD8063_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8061 AD-AD8061_05 Datasheet
452Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8648 AD-AD8648_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8646 AD-AD8646_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com