Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9942BBCZRL Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD9942BBCZRL
Descripción Electrónicos  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZRL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9942BBCZRL Datasheet HTML 2Page - Analog Devices AD9942BBCZRL Datasheet HTML 3Page - Analog Devices AD9942BBCZRL Datasheet HTML 4Page - Analog Devices AD9942BBCZRL Datasheet HTML 5Page - Analog Devices AD9942BBCZRL Datasheet HTML 6Page - Analog Devices AD9942BBCZRL Datasheet HTML 7Page - Analog Devices AD9942BBCZRL Datasheet HTML 8Page - Analog Devices AD9942BBCZRL Datasheet HTML 9Page - Analog Devices AD9942BBCZRL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9942
Rev. A | Page 6 of 36
CHANNEL-TO-CHANNEL SPECIFICATIONS
TMIN to TMAX, AVDD_X = DVDD_X = 3.0 V, fCLI = 40 MHz, typical timing specifications, unless otherwise noted. X = A, B.
Table 4.
Parameter
Min
Typ
Max
Unit
Notes
CHANNEL A/CHANNEL B OUTPUT
CODE MATCHING ERROR1
<1.0%
VGA = 6 dB, 12 dB, and 18 dB conditions.
CROSSTALK ERROR
VGA = 6 dB, 12 dB, and 18 dB conditions.
Channel A to Channel B
−84
dB
Full-scale step applied to Channel A while
measuring response on Channel B.
Channel B to Channel A
−84
dB
Full-scale step applied to Channel B while
measuring response on Channel A.
1 Matching error calculated using a ramp input applied to Channel A and Channel B simultaneously. Typical Channel A/Channel B error is <1.0% at each output code.


Número de pieza similar - AD9942BBCZRL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
More results

Descripción similar - AD9942BBCZRL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9974 AD-AD9974 Datasheet
73Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
Rev. Sp0
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9972BBCZ AD-AD9972BBCZ Datasheet
71Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9978BCPZ AD-AD9978BCPZ Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9978 AD-AD9978_08 Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9973 AD-AD9973 Datasheet
68Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
Rev. SpA
AD9978 AD-AD9978 Datasheet
71Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com