Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4000-1AUJZ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADA4000-1AUJZ
Descripción Electrónicos  Low Cost, Precision JFET Input Operational Amplifier in TSOT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4000-1AUJZ Datasheet(HTML) 4 Page - Analog Devices

  ADA4000-1AUJZ Datasheet HTML 1Page - Analog Devices ADA4000-1AUJZ Datasheet HTML 2Page - Analog Devices ADA4000-1AUJZ Datasheet HTML 3Page - Analog Devices ADA4000-1AUJZ Datasheet HTML 4Page - Analog Devices ADA4000-1AUJZ Datasheet HTML 5Page - Analog Devices ADA4000-1AUJZ Datasheet HTML 6Page - Analog Devices ADA4000-1AUJZ Datasheet HTML 7Page - Analog Devices ADA4000-1AUJZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADA4000-1
Preliminary Technical Data
Rev. PrA | Page 4 of 8
VS = ±15 V, VCM = 0 V, TA = +25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.1
1.0
mV
Input Bias Current
IB
5
10
pA
−40°C ≤ TA ≤ +125°C
5
pA
Input Offset Current
IOS
5
pA
−40°C ≤ TA ≤ +125°C
pA
Input Voltage Range
−11
+15
V
Common-Mode Rejection Ratio
CMRR
−11 V ≤ VCM ≤ +15 V
80
dB
−40°C ≤ TA ≤ +125°C
dB
Open Loop Gain
AVO
RL = 2k
Ω, Vo= ±10V
114
dB
−40°C ≤ TA ≤ +125°C
dB
Offset Voltage Drift
ΔV
OS
/
ΔT
−40°C ≤ TA ≤ +125°C
10
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ to ground
13.7
V
−40°C ≤ TA ≤ +125°C
13.5
V
Output Voltage Low
VOL
RL = 2 kΩ to ground
−13.3
V
−40°C ≤ TA ≤ +125°C
−13.5
V
Short Circuit Limit
ISC
28
mA
−40°C ≤ TA ≤ +125°C
mA
Output Current
IO
±10
mA
−40°C ≤ TA ≤ +125°C
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±4.0 V to ±18.0 V
80
dB
−40°C ≤ TA ≤ +125°C
dB
Supply Current/Amplifier
ISY
1.2
mA
−40°C ≤ TA ≤ +125°C
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
Vi = 10 V, RL = 2 kΩ, CL = 100 pF
20
V/μs
Gain Bandwidth Product
GBP
6
MHz
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 to 10 Hz
1.2
μVp-p
Voltage Noise Density
en
f = 1 kHz
15
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.01
pA/
√Hz


Número de pieza similar - ADA4000-1AUJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4000-1AUJZ-R2 AD-ADA4000-1AUJZ-R2 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1AUJZ-R2 AD-ADA4000-1AUJZ-R2 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
ADA4000-1AUJZ-R21 AD-ADA4000-1AUJZ-R21 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADA4000-1AUJZ-R7 AD-ADA4000-1AUJZ-R7 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1AUJZ-R7 AD-ADA4000-1AUJZ-R7 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
More results

Descripción similar - ADA4000-1AUJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
logo
New Japan Radio
NJM8512 NJRC-NJM8512 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170 Datasheet
654Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
logo
Analog Devices
OP215 AD-OP215_15 Datasheet
163Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
OP215 AD-OP215_17 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
OP215GS AD-OP215GS Datasheet
145Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
logo
Texas Instruments
OPA827 TI-OPA827 Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com