Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

C9812 Datasheet(PDF) 11 Page - Cypress Semiconductor

No. de pieza C9812
Descripción Electrónicos  Low EMI Clock Generator for Intel 810E Chipset Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9812 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button C9812 Datasheet HTML 7Page - Cypress Semiconductor C9812 Datasheet HTML 8Page - Cypress Semiconductor C9812 Datasheet HTML 9Page - Cypress Semiconductor C9812 Datasheet HTML 10Page - Cypress Semiconductor C9812 Datasheet HTML 11Page - Cypress Semiconductor C9812 Datasheet HTML 12Page - Cypress Semiconductor C9812 Datasheet HTML 13Page - Cypress Semiconductor C9812 Datasheet HTML 14Page - Cypress Semiconductor C9812 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Low EMI Clock Generator for Intel
810E Chipset Systems
Cypress Semiconductor Corporation
525 Los Coches St.
Document#: 38-07053 Rev. **
05/03/01
Milpitas, CA 95035. Tel: 408-263-6300, Fax: 408-263-6571
Page 11 of 18
http://www.cypress.com
APPROVED PRODUCT
C9812
AC Parameters
133 MHz Host
100 MHz Host
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
TPeriod
CPU(0:1) period
7.5
8.0
10.0
10.5
nS
5, 6, 8
THIGH
CPU(0:1) high time
1.87
-
3.0
-
nS
6,10
TLOW
CPU(0:1) low time
1.67
-
2.8
-
nS
6, 11
Tr / Tf
CPU(0:1) rise and fall times
0.4
1.6
0.4
1.6
nS
6, 7
TSKEW
CPU0 to CPU1 Skew time
-
175
-
175
pS
6, 8, 9
TCCJ
CPU(0:1) Cycle to Cycle Jitter
-
250
-
250
pS
6, 8, 9
TPeriod
APIC(0:1) period
60.0
-
60.0
-
nS
5, 6, 8
THIGH
APIC(0:1) high time
25.5
-
25.5
-
nS
6,10
TLOW
APIC(0:1) low time
25.3
-
25.3
N/S
nS
6, 11
Tr / Tf
APIC(0:1) rise and fall times
0.4
1.6
0.4
1.6
nS
6, 7
TCCJ
APIC(0:1) Cycle to Cycle Jitter
-
500
-
500
pS
6, 8, 9
TPeriod
3V66-(0:1) period
15.0
16.0
15.0
16.0
nS
5, 6, 8
THIGH
3V66-(0:1) high time
5.25
-
5.25
-
nS
6,10
TLOW
3V66-(0:1) low time
5.05
-
5.05
-
nS
6, 11
Tr / Tf
3V66-(0:1) rise and fall times
0.4
1.6
0.4
1.6
nS
6, 7
TSKEW
3V66-0 to 3V66-1 Skew time
-
250
-
250
pS
6, 8, 9
TCCJ
3V66-(0:1) Cycle to Cycle Jitter
-
500
-
500
pS
6, 8, 9
TPeriod
PCI(0:7) period
30.0
-
30.0
-
nS
5, 6, 8
THIGH
PCI(0:7) period
12.0
-
12.0
-
nS
6,10
TLOW
PCI(0:7) low time
12.0
-
12.0
-
nS
6, 11
Tr / Tf
PCI(0:7) rise and fall times
0.5
2.0
0.5
2.0
nS
6, 7
TSKEW
(Any PCI clock) to (Any PCI clock)
Skew time
-
500
-
500
pS
6, 8, 9
TCCJ
PCI(0:7) Cycle to Cycle Jitter
-
500
-
500
pS
6, 8, 9
TPeriod
48MHz period ( conforms to
+167ppm max)
20.8299
20.8333
20.8299
20.8333
nS
5, 6, 8
Tr / Tf
48MHz rise and fall times
1.0
4.0
1.0
4.0
nS
6, 7
TCCJ
48MHz Cycle to Cycle Jitter
-
500
-
500
pS
6, 8, 9
TPeriod
REF period
69.8413
71.0
69.8413
71.0
nS
5, 6, 8
Tr / Tf
REF rise and fall times
1.0
4.0
1.0
4.0
nS
6, 7
TCCJ
REF Cycle to Cycle Jitter
-
1000
-
1000
pS
6, 8
tpZL, tpZH
Output enable delay (all outputs)
1.0
10.0
1.0
10.0
nS
13
tpLZ, tpZH
Output disable delay (all outputs)
1.0
10.0
1.0
10.0
nS
13
tstable
All clock Stabilization from power-up
3
3
mS
12


Número de pieza similar - C9812

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C981U103MYVDAAWL45 KEMET-C981U103MYVDAAWL45 Datasheet
56Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
C981U103MYVDBA7317 KEMET-C981U103MYVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
C981U222KWDAA7317 KEMET-C981U222KWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C981U222KWDBA7317 KEMET-C981U222KWDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
More results

Descripción similar - C9812

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
C9835 CYPRESS-C9835 Datasheet
343Kb / 18P
   Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411 SPECTRALINEAR-CY28411 Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com