Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMF5001NYL-ACE-AX Datasheet(PDF) 2 Page - OPTREX CORPORATION

No. de pieza DMF5001NYL-ACE-AX
Descripción Electrónicos  LCD Module Technical Specification
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTREX [OPTREX CORPORATION]
Página de inicio  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF5001NYL-ACE-AX Datasheet(HTML) 2 Page - OPTREX CORPORATION

  DMF5001NYL-ACE-AX Datasheet HTML 1Page - OPTREX CORPORATION DMF5001NYL-ACE-AX Datasheet HTML 2Page - OPTREX CORPORATION DMF5001NYL-ACE-AX Datasheet HTML 3Page - OPTREX CORPORATION DMF5001NYL-ACE-AX Datasheet HTML 4Page - OPTREX CORPORATION DMF5001NYL-ACE-AX Datasheet HTML 5Page - OPTREX CORPORATION DMF5001NYL-ACE-AX Datasheet HTML 6Page - OPTREX CORPORATION DMF5001NYL-ACE-AX Datasheet HTML 7Page - OPTREX CORPORATION DMF5001NYL-ACE-AX Datasheet HTML 8Page - OPTREX CORPORATION DMF5001NYL-ACE-AX Datasheet HTML 9Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DMF5001NYL-ACE-AX (AX) No. 2001-0241
OPTREX CORPORATION
Page 2/16
1.General Specifications
Operating Temp.
:
min. 0
°C ~max. 50°C
Storage Temp.
:
min. -20
°C ~max. 60°C
Dot Pixels
:
160 (W) × 128 (H) dots
Dot Size
:
0.54 (W) × 0.54 (H) mm
Dot Pitch
:
0.58 (W) × 0.58 (H) mm
Viewing Area
:
101.0 (W) × 82.0 (H) mm
Outline Dimensions
:
129.0 (W) × 102.0 (H) × 12.8 (D) mm
Weight
:
160g max.
LCD Type
:
NRD-7353
( STN / Yellow-mode / Reflective )
Viewing Angle
:
9:00
Control LSI
:
T6963C-0101 (Produced by TOSHIBA)
Data Transfer
:
8 bit parallel data transfer
Backlight
:
None
Drawings
:
Dimensional Outline
UE-31324A


Número de pieza similar - DMF5001NYL-ACE-AX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OPTREX CORPORATION
DMF5001NYL OPTREX-DMF5001NYL Datasheet
193Kb / 15P
   LCD Module Specification
More results

Descripción similar - DMF5001NYL-ACE-AX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
T-51513D104J-FW-A-AD ETC2-T-51513D104J-FW-A-AD Datasheet
671Kb / 17P
   LCD Module Technical Specification
logo
OPTREX CORPORATION
C-51505NJQJ-LR-AG OPTREX-C-51505NJQJ-LR-AG Datasheet
79Kb / 18P
   LCD Module Technical Specification
T-55343GD035JU-LW-ADN OPTREX-T-55343GD035JU-LW-ADN Datasheet
1Mb / 33P
   LCD MODULE TECHNICAL SPECIFICATION
T-55265GD057J-LW-ADN OPTREX-T-55265GD057J-LW-ADN Datasheet
790Kb / 28P
   LCD Module Technical Specification
logo
Kyocera Kinseki Corpota...
T-51750GD065J-LW-AQN KSS-T-51750GD065J-LW-AQN Datasheet
838Kb / 2P
   LCD Module Technical Specification
F-51553GNBJ-LW-AFN KSS-F-51553GNBJ-LW-AFN Datasheet
736Kb / 31P
   LCD Module Technical Specification
F-55472GNFQJ-LG-ADN KSS-F-55472GNFQJ-LG-ADN Datasheet
1Mb / 31P
   LCD Module Technical Specification
logo
List of Unclassifed Man...
T-51863D150J ETC2-T-51863D150J Datasheet
2Mb / 39P
   LCD Module Technical Specification
logo
OPTREX CORPORATION
DMC-50747NF-AK OPTREX-DMC-50747NF-AK Datasheet
102Kb / 17P
   LCD Module Technical Specification
F-51477GNF-SLY-AA OPTREX-F-51477GNF-SLY-AA Datasheet
478Kb / 18P
   LCD MODULE TECHNICAL SPECIFICATION
T-51382D064-FW-P-AB OPTREX-T-51382D064-FW-P-AB Datasheet
125Kb / 17P
   LCD Module Technical Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com