Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HVD380B Datasheet(PDF) 5 Page - Renesas Technology Corp

No. de Pieza. HVD380B
Descripción  Variable Capacitance Diode for VCO
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo 

HVD380B Datasheet(HTML) 5 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HVD380B
Rev.0, Apr. 2001, page 3 of 5
Main Characteristic
016
20
10
-6
10
-8
10
-10
48
12
10
-13
10
-12
10
-11
10
-7
10
-9
Fig.4 LF vs. Reverse voltage
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage
Fig.3 Series resistance vs. Reverse voltage
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Reverse voltage VR (V)
Reverse voltage VR (V)
1.0
10
6
5
4
2
1
3
0
f=1MHz
0.1
1.0
10
-1.5
-1.0
-0.5
0
1.2
0.4
0
0.1
1.0
10
0.2
0.6
0.8
1.0
f=470MHz
0.1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn