Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MA4AGBLP912 Datasheet(PDF) 3 Page - Tyco Electronics

No. de pieza MA4AGBLP912
Descripción Electrónicos  AlGaAs Beam Lead PIN Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4AGBLP912 Datasheet(HTML) 3 Page - Tyco Electronics

  MA4AGBLP912 Datasheet HTML 1Page - Tyco Electronics MA4AGBLP912 Datasheet HTML 2Page - Tyco Electronics MA4AGBLP912 Datasheet HTML 3Page - Tyco Electronics MA4AGBLP912 Datasheet HTML 4Page - Tyco Electronics MA4AGBLP912 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AlGaAs Beam Lead PIN Diode
MA4AGBLP912
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
3
General Handling
These devices have a polymer layer which provides scratch
protection for the junction area and the anode air bridge. Beam
lead devices must, however, be handled with extreme care
since the leads may easily be distorted or broken by the normal
pressures exerted when handled with tweezers. A vacuum
pencil with a #27 tip is recommended for picking and placing.
These devices were designed to be inserted onto hard or soft
substrates. Recommended methods of attachment include ther-
mocompression bonding, parallel-gap welding, solder reflow,
and electrically conductive silver epoxy.
See Application Note M541, “Bonding and Handling Proce-
dures for Chip Diode Devices” for More Detailed Assembly
Instructions.
Assembly Considerations
The following precautions should be observed to avoid
damaging these chips.
Cleanliness
These devices should be handled in a clean environment. Do
not attempt to clean die after installation.
Static Sensitivity
Aluminum Gallium Arsenide PIN diodes are Class 1 ESD
sensitive and can be damaged by static electricity. Proper ESD
techniques should be used when handling these devices.
Rs
Ct
Ls = 0.5 nH
Diode Model


Número de pieza similar - MA4AGBLP912

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
MA4AGBLP912 MA-COM-MA4AGBLP912 Datasheet
90Kb / 4P
   AlGaAs Beamlead PIN Diode
MA4AGBLP912 MA-COM-MA4AGBLP912 Datasheet
96Kb / 4P
   AlGaAs Beamlead PIN Diode
MA4AGBLP912_V3 MA-COM-MA4AGBLP912_V3 Datasheet
96Kb / 4P
   AlGaAs Beamlead PIN Diode
More results

Descripción similar - MA4AGBLP912

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HPND-4005 AVAGO-HPND-4005 Datasheet
127Kb / 4P
   Beam Lead PIN Diode
logo
Agilent(Hewlett-Packard...
HPND-4005 HP-HPND-4005 Datasheet
40Kb / 4P
   Beam Lead PIN Diode
logo
Broadcom Corporation.
HPND-4005 BOARDCOM-HPND-4005 Datasheet
127Kb / 4P
   Beam Lead PIN Diode
logo
M/A-COM Technology Solu...
MPND4005-X MA-COM-MPND4005-X Datasheet
502Kb / 3P
   Planar Beam Lead PIN Diode
logo
Skyworks Solutions Inc.
DSG9500-000 SKYWORKS-DSG9500-000 Datasheet
89Kb / 5P
   Planar Beam Lead PIN Diode
logo
Advanced Semiconductor
ASB8000 ASI-ASB8000 Datasheet
15Kb / 1P
   SILICON BEAM LEAD PIN DIODE
logo
Skyworks Solutions Inc.
DSM8100-000 SKYWORKS-DSM8100-000 Datasheet
68Kb / 5P
   Mesa Beam Lead PIN Diode
logo
M/A-COM Technology Solu...
MA4PBL027 MA-COM-MA4PBL027_15 Datasheet
176Kb / 4P
   HMIC Silicon Beam Lead PIN Diode
MA4AGBLP912_V3 MA-COM-MA4AGBLP912_V3 Datasheet
96Kb / 4P
   AlGaAs Beamlead PIN Diode
MA4AGBLP912 MA-COM-MA4AGBLP912 Datasheet
90Kb / 4P
   AlGaAs Beamlead PIN Diode
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com