Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SY89206V Datasheet(Hoja de datos) 2 Page - Micrel Semiconductor

No. de Pieza. SY89206V
Descripción  3.3V/5V 1GHz DIFFERENTIAL PECL/ECL RECEIVER/BUFFER
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo 

   
 2 page
background image
2
Precision Edge®
SY89206/216V
Micrel, Inc.
M9999-051805
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
NC
D
/D
VBB
VCC
Q
/Q
VEE
1
2
3
4
8
7
6
5
AV 40V/V
8-Pin MLF™
Ultra-Small Outline
PIN DESCRIPTION
Pin Number
Pin Name
Type
Pin Function
2, 3
D, /D
100k ECL Input
Differential PECL/ECL Input: The signal inputs include internal 75k
Ω pull-
down resistors. If inputs are left open, Q output will default to LOW.
See
“Input Interface Applications” section for single-ended inputs.
7, 6
Q, /Q
100k ECL Output
Differential PECL/ECL Output: Q output defaults to LOW if D inputs left
open. See
“Output Interface Applications” section for recommendations on
terminations.
8
VCC
Positive
Positive Power Supply: Bypass with 0.1
µF//0.01µF low ESR capacitors.
Power Supply
5
VEE
Negative
Negative Power Supply: VEE and exposed pad must be tied to most
Exposed Pad
Power Supply
negative supply. For PECL/LVPECL connect to ground.
4
VBB
Reference
Bias Voltage: V
CC–1.3V. Used as reference voltage when AC coupling to
Voltage Output
the D, /D inputs. Max sink/source is
±0.5mA.
1
NC
No connection.
Pin Number
Pin Name
Type
Pin Function
2, 3
D, /D
10k ECL Input
Differential PECL/ECL Input: The signal inputs include internal 75k
Ω pull-
down resistors. If inputs are left open, Q output will default to LOW.
See
“Input Interface Applications” section for single-ended inputs.
7, 6
Q, /Q
10k ECL Output
Differential PECL/ECL Output: O output defaults to LOW if D inputs left
open. See
“Output Interface Applications” section for recommendations on
terminations.
8
VCC
Positive
Positive Power Supply: Bypass with 0.1
µF//0.01µF low ESR capacitors.
Power Supply
5
VEE
Negative
Negative Power Supply: VEE and exposed pad must be tied to most
Exposed Pad
Power Supply
negative supply. For PECL/LVPECL connect to ground.
4
VBB
Reference
Bias Voltage: V
CC–1.3V. Used as reference voltage when AC coupling to
Voltage Output
the D, /D inputs. Max sink/source is
±0.5mA.
1
NC
No connection.
SY89216V
SY89206V
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89206VMITR(2)
MLF-8
Industrial
206
Sn-Pb
SY89216VMITR(2)
MLF-8
Industrial
216
Sn-Pb
SY89206VMGTR(2)
MLF-8
Industrial
206 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY89216VMGTR(2)
MLF-8
Industrial
216 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SY89312V3.3V/5V 4GHz PECL/ECL ÷ 2 CLOCK GENERATOR 1 2 3 4 5 MoreMicrel Semiconductor
NB3N30013.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output 1 2 3 4 5 MoreON Semiconductor
ET95603 CHANNEL DIFFERENTIAL AMPLIFIER-COMPARATOR 1 2 3 List of Unclassifed Manufacturers
NB3N30113.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output 1 2 3 4 5 MoreON Semiconductor
HD26LS32Quadruple Differential Line Receivers With 3 State Outputs 1 2 3 4 5 MoreHitachi Semiconductor
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
NB4N4413.3V Serial Input MultiProtocol PLL Clock Synthesizer Differential LVPECL Output 1 2 3 4 5 MoreON Semiconductor
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
NB6L11M2.5V / 3.3V 1:2 Differential CML Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
NB6L142.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl