Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SY89206V Datasheet(PDF) 3 Page - Micrel Semiconductor

No. de pieza SY89206V
Descripción Electrónicos  3.3V/5V 1GHz DIFFERENTIAL PECL/ECL RECEIVER/BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89206V Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89206V Datasheet HTML 1Page - Micrel Semiconductor SY89206V Datasheet HTML 2Page - Micrel Semiconductor SY89206V Datasheet HTML 3Page - Micrel Semiconductor SY89206V Datasheet HTML 4Page - Micrel Semiconductor SY89206V Datasheet HTML 5Page - Micrel Semiconductor SY89206V Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Precision Edge®
SY89206/216V
Micrel, Inc.
M9999-051805
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(Note 1)
Power Supply Voltage (V
CC) ......................... –0.5V to 6.0V
ECL Input Voltage (V
IN) .......................... +0V to VCC +0.5V
Voltage Applied to Output at HIGH State
(V
OUT) ....................................................... –0.5V to VCC
Current Applied to Output at LOW State
(I
OUT) ........................................ Twice the Rated IOL mA
Lead Temperature (soldering, 10 sec.) ..................... 220
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(Note 2)
Power Supply Voltage |V
CC–VEE| .. 3.3V ±10% or 5V ±10%
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance Note 3
MLF™
JA)
Still-Air ............................................................. 93
°C/W
500lfpm ............................................................ 87
°C/W
MLF™
JB), ....................................................... 60°C/W
T
A = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
EE
Power Supply
|V
CC – VEE|
3.0
3.3
3.6
V
|V
CC – VEE|
4.5
5.0
5.5
V
I
EE
Power Supply Current
SY89206V
21
26
mA
SY89216V
18
22
mA
I
IH
Input HIGH Current
150
µA
V
BB
Output Reference Voltage
SY89206V
–1.38
–1.26
V
SY89216V
–1.43
–1.19
V
DC ELECTRICAL CHARACTERISTICS
V
CC = +3.3V ±10% or +5V ±10% and VEE = 0V; VCC = 0V and VEE = –3.3V ±10% or –5V ±10%; TA = –40°C to +85°C unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OH
Output HIGH Voltage
Note 4, 5
V
CC–1.085
V
CC–0.880
V
V
OL
Output LOW Voltage
Note 4, 5
V
CC–1.830
V
CC–1.555
V
V
IH
Input HIGH Voltage
V
CC–1.165
V
CC–0.880
V
V
IL
Input LOW Voltage
V
CC–1.810
V
CC–1.475
V
V
PP
Minimum Input Swing
150
——
mV
I
IH
Input HIGH Current
——
150
µA
I
IL
Input LOW Current
0.5
——
µA
SY89206V (100K ECL) DC ELECTRICAL CHARACTERISTICS


Número de pieza similar - SY89206V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
SY89206V MICROCHIP-SY89206V Datasheet
730Kb / 16P
   3.3V/5V 1 GHz Differential PECL/ECL Receiver/Buffer
05/14/19
SY89206VMG-TR MICROCHIP-SY89206VMG-TR Datasheet
730Kb / 16P
   3.3V/5V 1 GHz Differential PECL/ECL Receiver/Buffer
05/14/19
More results

Descripción similar - SY89206V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY89306 MICREL-SY89306_06 Datasheet
53Kb / 6P
   3.3V/5V 2.5GHz PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
logo
Microchip Technology
SY89206V MICROCHIP-SY89206V Datasheet
730Kb / 16P
   3.3V/5V 1 GHz Differential PECL/ECL Receiver/Buffer
05/14/19
logo
Micrel Semiconductor
SY89306V MICREL-SY89306V Datasheet
50Kb / 6P
   3.3V / 5V 2.5 GHZ PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Micrel Semiconductor
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com