Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TLMK330 Datasheet(PDF) 6 Page - Vishay Siliconix

No. de Pieza. TLMK330
Descripción  Power SMD LED in PLCC-2 Package
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

TLMK330 Datasheet(HTML) 6 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.vishay.com
6
Document Number 83201
Rev. 1.4, 31-Aug-04
VISHAY
TLMK / O / S / Y330.
Vishay Semiconductors
Figure 5. Change of Forward Voltage vs. Ambient Temperature
Figure 6. Relative Luminous Intensity vs. Amb. Temperature
Figure 7. Change of Dominant Wavelength vs. Ambient
Temperature
–200
–150
–100
–50
0
50
100
150
200
250
–50
–25
0
25
50
75
100
Tamb – Ambient Temperature ( C )
17015
10 mA
30 mA
50 mA
Yellow
0.0
0.5
1.0
1.5
2.0
2.5
–50
–25
0
25
50
75
100
Tamb – Ambient Temperature ( C )
17016
Yellow
–6
–4
–2
0
2
4
6
–50
–25
0
25
50
75
100
Tamb – Ambient Temperature ( C )
17017
Yellow
Figure 8. Relative Luminous Intensity vs. Forward Current
Figure 9. Change of Dominant Wavelength vs. Forward Current
Figure 10. Relative Intensity vs. Wavelength
0.01
0.10
1.00
10.00
1.00
10.00
100.00
IF – Forward Current ( mA )
17018
Yellow
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
10
20
30
40
50
60
70
80
90 100
17019
IF – Forward Current ( mA )
Yellow
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
560 570 580 590 600 610 620 630 640 650 660
16314
Soft orange
λ- Wavelength ( nm )


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn