Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TLMK330 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de Pieza. TLMK330
Descripción  Power SMD LED in PLCC-2 Package
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

TLMK330 Datasheet(HTML) 1 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VISHAY
TLMK / O / S / Y330.
Document Number 83201
Rev. 1.4, 31-Aug-04
Vishay Semiconductors
www.vishay.com
1
e3 Pb
Pb-free
19225
Power SMD LED in PLCC-2 Package
Description
The TLM.33.. series is an advanced modification of
the Vishay TLM.31.. series. It is designed to incorpo-
rate larger chips, therefore, capable of withstanding a
50 mA drive current.
The package of the TLM.33.. is the PLCC-2 (equiva-
lent to a size B tantalum capacitor).
It consists of a lead frame which is embedded in a
white thermoplast. The reflector inside this package is
filled up with clear epoxy.
Features
• Utilizing (AS) AlInGaP technology
• Available in 8 mm tape
• Luninous intensity, color and forward
voltage categorized per packing unit
• Luminous intensity ratio per packing unit
IVmax/IVmin ≤ 1.6
• Thermal resistance R = 400 K/W
• ESD class 2
• Suitable for all soldering methods
according to CECC
• Lead-free device
Applications
Traffic Signals and Signs
Interior and exterior lighting
Dashboard illumination
Indicator and backlighting purposes for audio, video,
LCD’s switches, symbols, illuminated advertising etc.
Parts Table
Part
Color, Luminous Intensity
Angle of Half Intensity
ϕ)
Technology
TLMK3300
Red, IV > 200 mcd
60 °
AlInGaP on GaAs
TLMK3301
Red, IV = (250 to 800) mcd
60 °
AlInGaP on GaAs
TLMK3302
Red, IV = (400 to 800) mcd
60 °
AlInGaP on GaAs
TLMK3303
Red, IV = (400 to 1250) mcd
60 °
AlInGaP on GaAs
TLMS3300
Red, IV > 160 mcd
60 °
AlInGaP on GaAs
TLMS3301
Red, IV = (160 to 400) mcd
60 °
AlInGaP on GaAs
TLMS3302
Red, IV = (250 to 800) mcd
60 °
AlInGaP on GaAs
TLMO3300
Soft orange, IV > 200 mcd
60 °
AlInGaP on GaAs
TLMO3301
Soft orange, IV = (250 to 640) mcd
60 °
AlInGaP on GaAs
TLMO3302
Soft orange, IV = (320 to 800) mcd
60 °
AlInGaP on GaAs


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn