Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS73028YZQT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS73028YZQT
Descripción Electrónicos  LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS73028YZQT Datasheet(HTML) 3 Page - Texas Instruments

  TPS73028YZQT Datasheet HTML 1Page - Texas Instruments TPS73028YZQT Datasheet HTML 2Page - Texas Instruments TPS73028YZQT Datasheet HTML 3Page - Texas Instruments TPS73028YZQT Datasheet HTML 4Page - Texas Instruments TPS73028YZQT Datasheet HTML 5Page - Texas Instruments TPS73028YZQT Datasheet HTML 6Page - Texas Instruments TPS73028YZQT Datasheet HTML 7Page - Texas Instruments TPS73028YZQT Datasheet HTML 8Page - Texas Instruments TPS73028YZQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
DISSIPATION RATINGS TABLE
ELECTRICAL CHARACTERISTICS
TPS730xx
SBVS054G – NOVEMBER 2004 – REVISED DECEMBER 2006
TA ≤ +25°C
TA = +70°C
TA = +85°C
DERATING FACTOR
POWER
POWER
POWER
BOARD
PACKAGE
RθJC
RθJA
ABOVE TA = +25°C
RATING
RATING
RATING
Low-K(1)
DBV
65
°C/W
255
°C/W
3.9mW/
°C
390mW
215mW
155mW
High-K(2)
DBV
65
°C/W
180
°C/W
5.6mW/
°C
560mW
310mW
225mW
Low-K(1)
YZQ
27
°C/W
255
°C/W
3.9mW/
°C
390mW
215mW
155mW
High-K(2)
YZQ
27
°C/W
190
°C/W
5.3mW/
°C
530mW
296mW
216mW
(1)
The JEDEC low-K (1s) board design used to derive this data was a 3-inch
× 3-inch, two layer board with 2 ounce copper traces on top
of the board.
(2)
The JEDEC high-K (2s2p) board design used to derive this data was a 3-inch
× 3-inch, multilayer board with 1 ounce internal power and
ground planes and 2 ounce copper traces on top and bottom of the board.
over recommended operating temperature range T
J = –40 to +125°C, VEN = VIN, VIN = VOUT(nom) + 1 V
(1), I
OUT = 1mA,
C
OUT = 10µF, CNR = 0.01µF (unless otherwise noted). Typical values are at +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN Input voltage(1)
2.7
5.5
V
IOUT Continuous output current
0
200
mA
VFB Internal reference (TPS73001)
1.201
1.225
1.250
V
5.5 –
Output voltage range (TPS73001)
VFB
V
VDO
Output voltage accuracy
0
µA ≤ I
OUT ≤ 200mA,
2.75V
≤ V
IN < 5.5V
–2%
VOUT(nom) +2%
V
Line regulation (
∆V
OUT%/∆VIN)
(1)
VOUT + 1V ≤ VIN ≤ 5.5V
0.05
%/V
Load regulation (
∆V
OUT%/∆IOUT)
0
µA ≤ I
OUT ≤ 200mA,
TJ = +25°C
5
mV
Dropout voltage(2)(VIN = VOUT(nom) – 0.1V)
IOUT = 200mA
120
210
mV
Output current limit
VOUT = 0V
285
600
mA
GND pin current
0
µA ≤ I
OUT ≤ 200mA
170
250
µA
Shutdown current(3)
VEN = 0V, 2.7V ≤ VIN ≤ 5.5V
0.07
1
µA
FB pin current
VFB = 1.8V
1
µA
Power-supply ripple rejection TPS73028
f = 100kHz, TJ = +25°C,
IOUT = 200mA
68
dB
BW = 200Hz to 100kHz,
Output noise voltage (TPS73018)
CNR = 0.01µF
33
µV
RMS
IOUT = 200mA
Time, start-up (TPS73018)
RL = 14Ω, COUT = 1µF
CNR = 0.001µF
50
µs
High level enable input voltage
2.7V
≤ V
IN ≤ 5.5V
1.7
VIN
V
Low level enable input voltage
2.7V
≤ V
IN ≤ 5.5V
0
0.7
V
EN pin current
VEN = 0
–1
1
µA
UVLO threshold
VCC rising
2.25
2.65
V
UVLO hysteresis
100
mV
(1)
Minimum VIN is 2.7V or VOUT + VDO, whichever is greater.
(2)
Dropout is not measured for the TPS73018 and TPS73025 since minimum VIN = 2.7V.
(3)
For adjustable versions, this applies only after VIN is applied; then VEN transitions high to low.
3
Submit Documentation Feedback


Número de pieza similar - TPS73028YZQT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73028YZQT TI-TPS73028YZQT Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73028YZQT TI1-TPS73028YZQT Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
More results

Descripción similar - TPS73028YZQT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com