Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS73033DBVRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS73033DBVRG4
Descripción Electrónicos  LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS73033DBVRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS73033DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS73033DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS73033DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS73033DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS73033DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS73033DBVRG4 Datasheet HTML 10Page - Texas Instruments TPS73033DBVRG4 Datasheet HTML 11Page - Texas Instruments TPS73033DBVRG4 Datasheet HTML 12Page - Texas Instruments TPS73033DBVRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ti.com
GND
NR
FB
IN
OUT
EN
V
IN
V
OUT
R
1
C
1
R
2
1 F
m
2.2 F
m
0.01 F
m
TPS73001
OUTPUTVOLTAGE
PROGRAMMINGGUIDE
R
1
R
2
C
1
2.5V
3.3V
3.6V
1.22V
OUTPUT
VOLTAGE
31.6kW
short
51kW
59kW
open
30.1kW
30.1kW
30.1kW
0pF
22pF
15pF
15pF
Regulator Protection
TPS730xx
SBVS054G – NOVEMBER 2004 – REVISED DECEMBER 2006
APPLICATION INFORMATION (continued)
Figure 17. TPS73001 Adjustable LDO Regulator Programming
The TPS730xx PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (for example, during power-down). Current is conducted from the output
to the input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting
might be appropriate.
The TPS730xx features internal current limiting and thermal protection. During normal operation, the TPS730xx
limits output current to approximately 400mA. When current limiting engages, the output voltage scales back
linearly until the overcurrent condition ends. While current limiting is designed to prevent gross device failure,
care should be taken not to exceed the power dissipation ratings of the package or the absolute maximum
voltage ratings of the device. If the temperature of the device exceeds approximately +165
°C, thermal-protection
circuitry shuts it down. Once the device has cooled down to below approximately +140
°C, regulator operation
resumes.
9
Submit Documentation Feedback


Número de pieza similar - TPS73033DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73033DBVRG4 TI-TPS73033DBVRG4 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033DBVRG4 TI-TPS73033DBVRG4 Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033DBVRG4 TI1-TPS73033DBVRG4 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
More results

Descripción similar - TPS73033DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com