Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

XC6215 Datasheet(PDF) 15 Page - Torex Semiconductor

No. de Pieza. XC6215
Descripción  0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
Descarga  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo 

XC6215 Datasheet(HTML) 15 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
15/31
XC6215
Series
(1) Output Voltage vs. Output Current (Continued)
(2) Output Voltage vs. Input Voltage
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6215x502
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
50
100
150
200
250
300
350
Output Current IOUT (mA)
     
VIN=VCE=6.0V
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
XC6215x502
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
50
100
150
200
250
300
350
Output Current IOUT (mA)
VIN=5.3V
VIN=5.5V
VIN=6.0V
     
T a=25℃
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
Ta=-40℃
Ta=25℃
Ta=85℃
XC6215x092
0.3
0.5
0.7
0.9
1.1
1.3
0.5
1
1.5
2
2.5
Input Voltage VIN (V)
IOUT =1m A
IOUT =30m A
IOUT =50m A
VIN=VCE
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
XC6215x092
0.85
0.90
0.95
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage VIN (V)
IOUT =1m A
IOUT =30m A
IOUT =50m A
VIN=VCE
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
XC6215x152
0.9
1.1
1.3
1.5
1.7
1.9
0.5
1
1.5
2
2.5
Input Voltage VIN (V)
IOUT =1m A
IOUT =30m A
IOUT =50m A
IOUT =100m A
   
VIN=VCE
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
XC6215x152
1.45
1.50
1.55
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage VIN (V)
IOUT =1m A
IOUT =30m A
IOUT =50m A
IOUT =100m A
   
VIN=VCE
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn