Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

XC6215 Datasheet(PDF) 16 Page - Torex Semiconductor

No. de Pieza. XC6215
Descripción  0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
Descarga  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo 

XC6215 Datasheet(HTML) 16 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
16/31
XC6215 Series
(2) Output Voltage vs. Input Voltage (Continued)
(3) Dropout Voltage vs. Output Current
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6215x302
2.4
2.6
2.8
3.0
3.2
3.4
22.5
33.5
4
Input Voltage VIN (V)
IOUT =1m A
IOUT =30m A
IOUT =50m A
IOUT =100m A
  
VIN=VCE
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
XC6215x302
2.95
3.00
3.05
3.5
4
4.5
5
5.5
6
Input Voltage VIN (V)
IOUT =1m A
IOUT =30m A
IOUT =50m A
IOUT =100m A
   
VIN=VCE
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
XC6215x502
4.4
4.6
4.8
5.0
5.2
5.4
4
4.5
5
5.5
6
Input Voltage VIN (V)
IOUT =1m A
IOUT =30m A
IOUT =50m A
IOUT =100m A
    
VIN=VCE
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
XC6215x502
4.95
5.00
5.05
5.5
5.6
5.7
5.8
5.9
6
Input Voltage VIN (V)
IOUT =1m A
IOUT =30m A
IOUT =50m A
IOUT =100m A
    
VIN=VCE
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
XC6215x092
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1020304050
Output Current IOUT (mA)
VIN=VCE
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
XC6215x152
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
2040
6080
100
Output Current IOUT (mA)
VIN=VCE
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
M inim um Operating Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn