Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

XC6215 Datasheet(PDF) 19 Page - Torex Semiconductor

No. de Pieza. XC6215
Descripción  0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
Descarga  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo 

XC6215 Datasheet(HTML) 19 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
19/31
XC6215
Series
(6) Supply Current vs. Ambient Temperature (Continued)
(7) CE Threshold Voltage vs. Ambient Temperature
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6215x092
0.5
0.6
0.7
0.8
0.9
-50
-25
0
25
50
75
100
Ambient Temperature Ta (℃)
VIN=1.9V , IOUT =1m A
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
XC6215x152
0.5
0.6
0.7
0.8
0.9
-50
-25
0
25
50
75
100
Ambient Temperature Ta (℃)
VIN=2.5V , IOUT =1m A
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
High Level Voltage
Low Level Voltage
High Level Voltage
Low Level Voltage
XC6215x302
0.5
0.6
0.7
0.8
0.9
-50
-25
0
25
50
75
100
Ambient Temperature Ta (℃)
VIN=4.0V , IOUT =1m A
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
XC6215x502
0.5
0.6
0.7
0.8
0.9
-50
-25
0
25
50
75
100
Ambient Temperature Ta (℃)
VIN=6.0V , IOUT =1m A
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
High Level Voltage
Low Level Voltage
High Level Voltage
Low Level Voltage
XC6215x502
0.0
0.3
0.6
0.9
1.2
1.5
1.8
-50
-25
0
25
50
75
100
Ambient Temperature Ta (℃)
                 
VIN=VCE=6.0V
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)
XC6215x302
0.0
0.3
0.6
0.9
1.2
1.5
-50
-25
0
25
50
75
100
Ambient Temperature Ta (℃)
                 
VIN=VCE=4.0V
CIN=1.0µF(ceram ic),CL=0.1µF(ceram ic)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn