Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

XC6215 Datasheet(PDF) 30 Page - Torex Semiconductor

No. de Pieza. XC6215
Descripción  0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
Descarga  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo 

XC6215 Datasheet(HTML) 30 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
30/31
XC6215 Series
(11) CE Rising Response Time (For XC6215 Type)
(12) Ripple Rejection Rate
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6215B502
-4
-2
0
2
4
6
8
Time (200µsec/div)
0
2
4
6
8
10
12
tr=5µsec ,VIN=6.0V
VCE =0→6.0V, IOUT =100mA , CL=0.1µF(ceramic)
Output Voltage
CE Input Voltage
XC6215B502
-4
-2
0
2
4
6
8
Time (200µsec/div)
0
2
4
6
8
10
12
tr=5µsec ,VIN=6.0V
VCE =0→6.0V, IOUT=30mA, CL=0.1µF(ceramic)
Output Voltage
CE Input Voltage
XC6215x302
0
10
20
30
40
50
60
70
0.01
0.1
1
10
100
Ripple Frequency f (kHz)
VIN=VCE=4.0VDC+0.5Vp-pAC
IOUT =50m A , CL=0.1µF(ceram ic)
XC6215x502
0
10
20
30
40
50
60
70
0.01
0.1
1
10
100
Ripple Frequency f (kHz)
VIN=VCE=5.5VDC+0.5Vp-pAC
IOUT =50m A, CL=0.1µF(ceram ic)
XC6215x092
0
10
20
30
40
50
60
70
0.01
0.1
1
10
100
Ripple Frequency f (kHz)
VIN=VCE=2.0VDC+0.5Vp-pAC
IOUT =50m A , CL=0.1µF(ceram ic)
XC6215x152
0
10
20
30
40
50
60
70
0.01
0.1
1
10
100
Ripple Frequency f (kHz)
VIN=VCE=2.5VDC+0.5Vp-pAC
IOUT =50m A , CL=0.1µF(ceram ic)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn