Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ZX5T953Z Datasheet(PDF) 4 Page - Zetex Semiconductors |
|
ZX5T953Z Datasheet(HTML) 4 Page - Zetex Semiconductors |
4 / 6 page ZX5T953Z ISSUE 1 - DECEMBER 2004 4 PARAMETER SYMBOL MIN. TYP. MAX. UNIT CONDITIONS Collector-base breakdown voltage BVCBO -140 -160 V IC = -100 A Collector-emitter breakdown voltage BVCER -140 -160 V IC =-1 A, RB 1k Collector-emitter breakdown voltage BVCEO -100 -115 V IC = -10mA* Emitter-base breakdown voltage BVEBO -7 -8.1 V IE = -100 A Collector cut-off current ICBO 1 -20 -0.5 nA A VCB = -100V VCB = -100V, Tamb=100 C Collector cut-off current ICER R 1k 1 -20 -0.5 nA A VCB = -100V VCB = -100V, Tamb=100 C Emitter cut-off current IEBO 1 -10 nA VEB = -6V Collector-emitter saturation voltage VCE(SAT) -20 -65 -110 -230 -30 -85 -135 -300 mV mV mV mV IC = -0.1A, IB = -10mA* IC = -1A, IB = -100mA* IC = -2A, IB = -200mA* IC = -4A, IB = -400mA* Base-emitter saturation voltage VBE(SAT) -970 -1060 mV IC = -4A, IB = -400mA* Base-emitter turn on voltage VBE(ON) -910 -1030 mV IC = -4A, VCE = -1V* Static forward current transfer ratio hFE 100 100 25 15 250 200 50 30 5 300 IC = -10mA, VCE = -1V* IC = -1A, VCE = -1V* IC = -3A, VCE = -1V* IC = -4A, VCE = -1V* IC = -10A, VCE = -1V* Transition frequency fT 125 MHz IC = 100mA, VCE = 10V f=50MHz Output capacitance COBO 42 pF VCB = -10V, f= 1MHz* Switching times tON tOFF 42 540 ns IC = 1A, VCC = 10V, IB1 =IB2 = 100mA ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated) * Measured under pulsed conditions. Pulse width 300 s; duty cycle 2%. |
Número de pieza similar - ZX5T953Z |
|
Descripción similar - ZX5T953Z |