Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDB42406 Datasheet(PDF) 6 Page - Cirrus Logic

No. de pieza CDB42406
Descripción Electrónicos  Evaluation Board
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42406 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CDB42406 Datasheet HTML 2Page - Cirrus Logic CDB42406 Datasheet HTML 3Page - Cirrus Logic CDB42406 Datasheet HTML 4Page - Cirrus Logic CDB42406 Datasheet HTML 5Page - Cirrus Logic CDB42406 Datasheet HTML 6Page - Cirrus Logic CDB42406 Datasheet HTML 7Page - Cirrus Logic CDB42406 Datasheet HTML 8Page - Cirrus Logic CDB42406 Datasheet HTML 9Page - Cirrus Logic CDB42406 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
CDB42406
6
1.7.1
S/PDIF IN & S/PDIF OUT (Setup 0 - Setup 2)
There are 3 different setup options for routing MCLK, LRCK and SCLK for S/PDIF input
and output conversion. These options allow the user to choose between 3 different mas-
ters for the ADC subclocks. Should the CS8416 lose lock to the S/PDIF input, the RMCK
will automatically switch from the PLL to the OMCK input (see the CS8416 datasheet for
details). The CS8406 is always clocked from the same source as the ADC.
1.7.1a
Setup 0
Using the recovered clock from the S/PDIF input data stream, the CS8416 masters all
clocks for the ADC and all clocks and data for the DAC. For implementation of this setup
option, set DIP switch S4 (SW[3:0]) to ‘0000’b.
AU DIO
MCLK
MC LK
DAC_L RCK/
DAC_SC LK
AD C_ LR CK/
AD C_ SC LK
DAC_SD IN x
ADC _SD OU T
C S42406
DSP I/O
HDR
D SP_MC LK
D SP_AD C_ LRC K/
D SP_AD C_ SC LK
DSP_SD OU T
DSP_DAC_ LRCK/
D SP_D AC_ SC LK
DSP_SD IN x
CS8406
CS8416
RM CK
OM CK
OLR CK/
OSC LK
SD OU T
OM CK
IL RC K/
ISC LK
SDIN
Figure 1. S/PDIF IN/OUT - Setup 0


Número de pieza similar - CDB42406

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CDB42416 CIRRUS-CDB42416 Datasheet
1Mb / 67P
   110 dB, 192kHz 6-Ch CODEC WITH PLL
CDB42418 CIRRUS-CDB42418 Datasheet
1Mb / 67P
   110 dB, 192kHz 8-Ch CODEC WITH PLL
CDB42426 CIRRUS-CDB42426 Datasheet
1Mb / 67P
   114 dB, 192kHz 6-Ch CODEC WITH PLL
CDB42428 CIRRUS-CDB42428 Datasheet
1Mb / 67P
   114 dB, 192kHz 8-Ch CODEC WITH PLL
CDB42428 CIRRUS-CDB42428 Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
More results

Descripción similar - CDB42406

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com