Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CRD5381 Datasheet(PDF) 1 Page - Cirrus Logic

No. de pieza CRD5381
Descripción Electrónicos  Audio A/D Converter w/ Asynchronous Decimation Filter Reference Design
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD5381 Datasheet(HTML) 1 Page - Cirrus Logic

  CRD5381 Datasheet HTML 1Page - Cirrus Logic CRD5381 Datasheet HTML 2Page - Cirrus Logic CRD5381 Datasheet HTML 3Page - Cirrus Logic CRD5381 Datasheet HTML 4Page - Cirrus Logic CRD5381 Datasheet HTML 5Page - Cirrus Logic CRD5381 Datasheet HTML 6Page - Cirrus Logic CRD5381 Datasheet HTML 7Page - Cirrus Logic CRD5381 Datasheet HTML 8Page - Cirrus Logic CRD5381 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
Audio A/D Converter w/ Asynchronous Decimation Filter
Reference Design
Features
Analog Performance
Advanced Multi-bit Delta-sigma Architecture
24-bit Conversion
120 dB Dynamic Range
-110 dB THD+N
Performance insensitivity to Input Clock Jitter
Digital Filter Characteristics
125 dB Stop-band Rejection
Phase-Matched Outputs
System Features
Output Sample Rate Determined by Input
Word, Left/Right, or Fsync Clock
No External Master Clock Required
Easily Scalable for Additional Channels
Sample Rates from 27 kHz to 192 kHz
Four-Channel Time-Division Multiplexed
Output
Two Independent Stereo, Left-Justified
Outputs
CS5381 A
Quad Speed
Slave Mode
CS5381 B
Quad Speed
Slave Mode
CS8421 A
Master Input
Slave Ouput
CS8421 B
Master Input
Slave Output
Differential Analog
Inputs 1-4
TDM ENABLE
TDM/SDOUT B
SDOUT A
2
2
2
2
LEFT
RIGHT
RIGHT
LEFT
PCM Data Ouput/
Serial Clock Input
Header, J4
TDM IN
LRCK INPUT
SCLK INPUT
SDOUT
SDOUT
SDIN
SDIN
SDOUT
SDOUT
MAY ‘05
DS563RD1
CRD5381


Número de pieza similar - CRD5381

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CRD5376 CIRRUS-CRD5376 Datasheet
3Mb / 68P
   Multichannel Seismic Reference Design
More results

Descripción similar - CRD5381

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3492 NSC-LM3492 Datasheet
607Kb / 8P
   Evaluation Board Reference Design integrates a boost converter
logo
Holtek Semiconductor In...
HT82V731 HOLTEK-HT82V731 Datasheet
68Kb / 7P
   Audio D/A Converter
logo
Cirrus Logic
CRD1500-90WLLC CIRRUS-CRD1500-90WLLC Datasheet
101Kb / 1P
   CS1500 90W, High-efficiency PFC w/ LLC Resonant Converter Reference Design
logo
Sony Corporation
CXD2564AM SONY-CXD2564AM Datasheet
885Kb / 13P
   1-bit Audio D/A Converter (with Digital Filter)
logo
Cirrus Logic
CRD44600 CIRRUS-CRD44600 Datasheet
1Mb / 32P
   Stereo 100 W PWM Amplifier Reference Design
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Filtronic Compound Semi...
FRD3500X230 FILTRONIC-FRD3500X230 Datasheet
350Kb / 5P
   3.5 GHZ WIMAX REFERENCE DESIGN (1 W)
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_06 Datasheet
244Kb / 2P
   300 W 80 PLUS ATX Reference Design
Rev. 2, Oct-2006
logo
Burr-Brown (TI)
DF1750 BURR-BROWN-DF1750 Datasheet
222Kb / 13P
   Dual Channel DIGITAL DECIMATION FILTER
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com