Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL3685 Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza ISL3685
Descripción Electrónicos  2.4GHz RF/IF Converter and Synthesizer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3685 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL3685 Datasheet HTML 7Page - Intersil Corporation ISL3685 Datasheet HTML 8Page - Intersil Corporation ISL3685 Datasheet HTML 9Page - Intersil Corporation ISL3685 Datasheet HTML 10Page - Intersil Corporation ISL3685 Datasheet HTML 11Page - Intersil Corporation ISL3685 Datasheet HTML 12Page - Intersil Corporation ISL3685 Datasheet HTML 13Page - Intersil Corporation ISL3685 Datasheet HTML 14Page - Intersil Corporation ISL3685 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Typical Performance Curves
Marker 1 = 1.7GHz, Real = 16.7
Ω, Imaginary = -31.8Ω
Marker 3 = 2.45GHz, Real = 15.0
Ω, Imaginary = -8.0Ω
Marker 5 = 3.0GHz, Real = 16.5
Ω, Imaginary = 10.5Ω
FIGURE 3. S11 LNA in HIGH GAIN
Marker 1 = 1.7GHz, 7.0dB
Marker 3 = 2.45GHz, 15.3dB
Marker 5 = 3.0GHz, 12.5dB
FIGURE 4. S21 LNA in HIGH GAIN
Marker 1 = 1.7GHz, -46.4dB
Marker 3 = 2.45GHz, -44.1dB
Marker 5 = 3.0GHz, -35.4dB
FIGURE 5. S12 LNA in HIGH GAIN
Marker 1 = 1.7GHz, Real = 8.2
Ω, Imaginary = -43.5Ω
Marker 3 = 2.45GHz, Real = 39.4
Ω, Imaginary = 19.4Ω
Marker 5 = 3.0GHz, Real = -50.6
Ω, Imaginary = -45.4Ω
FIGURE 6. S22 LNA in HIGH GAIN
1
3
VCC = 3.30V
RF = 1.7GHz TO 3.0GHz
ROOM TEMP
Pin = -30.dBm
5
NO MATCH
NETWORK
SCALE
5dB/DIV
1
VCC = 3.30V
RF = 2.0GHz TO 3.0GHz
ROOM TEMP
Pin = -30.dBm
3
5
1
SCALE
10dB/DIV
VCC = 3.30V
RF = 2.0GHz TO 3.0GHz
ROOM TEMP
Pin = -30.dBm
3
5
1
VCC = 3.30V
RF = 2.0GHz TO 3.0GHz
ROOM TEMP
Pin = -30.dBm
3 4
2
5
NO MATCH
NETWORK
ISL3685


Número de pieza similar - ISL3685

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL3680 INTERSIL-ISL3680 Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3680IR INTERSIL-ISL3680IR Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3680IR-TK INTERSIL-ISL3680IR-TK Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
   Direct Down Conversion Transceiver
More results

Descripción similar - ISL3685

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HFA3683A INTERSIL-HFA3683A Datasheet
187Kb / 17P
   2.4GHz RF/IF Converter and Synthesizer
June 2000
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
   RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Motorola, Inc
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
logo
Texas Instruments
TRF1121 TI-TRF1121 Datasheet
1Mb / 26P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
logo
Maxim Integrated Produc...
MAX2820 MAXIM-MAX2820 Datasheet
392Kb / 23P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
MAX2821ETM MAXIM-MAX2821ETM Datasheet
605Kb / 26P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 5; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com