Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LH1540AT Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza LH1540AT
Descripción Electrónicos  1 Form A Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LH1540AT Datasheet(HTML) 1 Page - Infineon Technologies AG

  LH1540AT Datasheet HTML 1Page - Infineon Technologies AG LH1540AT Datasheet HTML 2Page - Infineon Technologies AG LH1540AT Datasheet HTML 3Page - Infineon Technologies AG LH1540AT Datasheet HTML 4Page - Infineon Technologies AG LH1540AT Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 2001 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
3–154
March 23, 2001-12
FEATURES
• Current Limit Protection
• l/O Isolation, 5300 VRMS
• Typical RON 20 Ω, max 25 Ω
• Load Voltage 350 V
• Load Current 120 mA
• High Surge Capability
• Linear, AC/DC Operation
• Clean Bounce Free Switching
• Low Power Consumption
• High Reliability Monolithic Receptor
• SMD lead available on tape and reel
• Flammability; UL94,VØ
AGENCY APPROVALS
• UL – File No. E52744
• BSI/BABT Cert. No. 7980
• FIMKO Approval
• CSA – Certification 093751
APPLICATIONS
• General Telecom Switching
– On/off Hook Control
– Ring Delay
– Dial Pulse
– Ground Start
– Ground Fault Protection
• Instrumentation
• Industrial Controls
• See Application Note 56
DESCRIPTION
The LH1540 is robust, ideal for telecom and ground
fault applications. It is a SPST normally open switch (1
Form A) that replaces electromechanical relays in many
applications. It is constructed using a GaAIAs LED for
actuation control and an integrated monolithic die for
the switch output. The die, fabricated in a high-voltage
dielectrically isolated technology, is comprised of a
photodiode array, switch control circuitry and MOSFET
switches. In addition, it employs current-limiting cir-
cuitry which meets FCC 68.302 and other regulatory
voltage surge requirements when overvoltage protec-
tion is provided.
Part Identification
Part Number
Description
LH1540AT
6-pin DIP, Thru Hole
LH1540AAB
6-pin SMD
LH1540AABTR
6-pin SMD, Tape and Reel
.014 (.35)
.010 (.25)
.150 (3.81)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.020 (.051) Min.
.300 (7.62)
Typ.
.035 (0.90)
.031 (0.80)
.100 (2.54) Typ.
.039
(1.00)
Min.
.022 (0.55)
.018 (0.45)
.256 (6.50)
.248 (6.30)
.343 (8.70)
.335 (8.50)
Pin One ID.
6
5
4
1
2
3
18
° Typ.
.347 (8.82)
.300 (7.62)
4
° Typ.
.343 (8.71)
.335 (8.51)
.256 (6.50)
.248 (6.30)
Pin one I.D.
.039
(0.99)
min.
.150 (3.81)
.130 (3.30)
.100 (2.54)
.052 (1.33)
.048 (1.22)
4
°
.040 (1.016)
.020 (0.508)
.0098 (.25)
.0040 (.10)
.012 (0.31)
.008 (0.20)
.300 (7.62)
.395 (10.03)
.375 (9.63)
3
° to 7°
18
°
min.
.315 (8.00)
typ.
.050 (1.27) typ.
4
65
12
3
S'
S
DC
SS'
Package Dimensions in Inches (mm)
DIP
SMD
LH1540AT/AAB/AABTR
1 Form A
Solid State Relay


Número de pieza similar - LH1540AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LH1540AT VISHAY-LH1540AT Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
LH1540AT VISHAY-LH1540AT Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
LH1540AT VISHAY-LH1540AT Datasheet
205Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
LH1540AT VISHAY-LH1540AT Datasheet
204Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1540AT VISHAY-LH1540AT Datasheet
205Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Descripción similar - LH1540AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com