Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC5533 Datasheet(PDF) 5 Page - Linear Technology

No. de pieza LTC5533
Descripción Electrónicos  300MHz to 11GHz Precision Dual RF Power Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC5533 Datasheet(HTML) 5 Page - Linear Technology

  LTC5533 Datasheet HTML 1Page - Linear Technology LTC5533 Datasheet HTML 2Page - Linear Technology LTC5533 Datasheet HTML 3Page - Linear Technology LTC5533 Datasheet HTML 4Page - Linear Technology LTC5533 Datasheet HTML 5Page - Linear Technology LTC5533 Datasheet HTML 6Page - Linear Technology LTC5533 Datasheet HTML 7Page - Linear Technology LTC5533 Datasheet HTML 8Page - Linear Technology LTC5533 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC5533
5
5533f
VOUT Variation Relative to 25°C
vs RF Input Power at 3GHz
VOUT Variation Relative to 25°C
vs RF Input Power at 5GHz
VOUT Variation Relative to 25°C
vs RF Input Power at 7GHz
RF INPUT POWER (dBm)
–30
–3
–2
0
1
2
–22
–14 –10
6
5533 G19
–1
–26
–18
–6
–2
2
3
VCC = 3.6V
VOS = 0V
TA = –40°C
TA = 85°C
RF INPUT POWER (dBm)
–28
–3
–2
0
1
2
–20
–12 –8
8
5533 G20
–1
–24
–16
–4
0
4
3
VCC = 3.6V
VOS = 0V
TA = –40°C
TA = 85°C
RF INPUT POWER (dBm)
–26
–3
–2
0
1
2
–18
–10 –6
10
5533 G21
–1
–22
–14
–2
2
6
3
VCC = 3.6V
VOS = 0V
TA = –40°C
TA = 85°C
Example VOUT1 – VOUT2 Mismatch
with No RF Signal Input
VOUT1 – VOUT2 MISMATCH (mV)
–25
15
20
25
15
5533 G22
10
5
0
–20 –15 –10 –5
0
510
20 25
VCC = 3.6V
VOS = 0V
TA = 25°C
Example VOUT1 – VOUT2 Mismatch
with –14dBm RF Signal Input at
1.8GHz
VOUT1 – VOUT2 MISMATCH (dB)
–1
15
20
25
0.6
5533 G23
10
5
0
–0.8–0.6–0.4–0.2 0 0.2 0.4
0.8 1
VCC = 3.6V
VOS = 0V
TA = 25°C
VOUT vs RF Input Power and VCC
Supply Voltage, fRF = 2GHz
RF INPUT POWER (dBm)
–32
0
1000
2000
3000
4000
6000
–24
–16
–8
–28
–20
–12
–4
0
5533 G24
8
412
5000
500
1500
2500
3500
5500
4500
VOS = 0V
TA = 25°C
VCC = 6V
VCC = 5V
VCC = 4V
VCC = 3V
VOUT vs RF Input Power and VOS,
fRF = 2GHz
RF INPUT POWER (dBm)
–32
0
400
1200
1600
2000
–8 –4
0
4
8
3600
5533 G25
800
–28 –24 –20 –16 –12
12
2400
2800
3200
VCC = 3.6V
TA = 25°C
VOS = 1V
VOS = 0V
VOS = 0.5V
VOS = 0.75V
VOS = 0.25V
Channel-to-Channel Isolation vs
RF Input Frequency
RF INPUT FREQUENCY (MHz)
0
–70
–60
–50
–40
–30
–20
2000
4000
6000
8000
5533 G26
10000 12000
VCC = 3.6V
VOS = 0V
TA = 25°C
RF PIN = +10dBm
CH. 1
CH. 2
CH. 2
CH. 1
Output Delay vs RF Input Power
RF INPUT POWER (dBm)
–20
100
200
400
500
600
–12
–8
–4
0
1000
5533 G27
300
–16
8
4
700
800
900
VCC = 3.6V
VOS = 0V
TA = 25°C
90% SWITCHING
50% SWITCHING
TYPICAL PERFOR A CE CHARACTERISTICS (For one channel. SHDN = V
CC, unless
otherwise specified.)


Número de pieza similar - LTC5533

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC5533 LINER-LTC5533 Datasheet
251Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
LTC5533 LINER-LTC5533_15 Datasheet
251Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
More results

Descripción similar - LTC5533

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC5533 LINER-LTC5533_15 Datasheet
251Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
LTC5509 LINER-LTC5509 Datasheet
177Kb / 8P
   300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
   300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532_15 Datasheet
288Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5532 LINER-LTC5532_09 Datasheet
282Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5509 LINER-LTC5509_15 Datasheet
188Kb / 8P
   300MHz to 3GHz RF Power Detector in SC70 Package
LTC5531 LINER-LTC5531 Datasheet
221Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5530 LINER-LTC5530 Datasheet
311Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5531 LINER-LTC5531_15 Datasheet
226Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com