Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC13077 Datasheet(PDF) 1 Page - Motorola, Inc |
|
MC13077 Datasheet(HTML) 1 Page - Motorola, Inc |
1 / 14 page Device Operating Temperature Range Package MC13077 SEMICONDUCTOR TECHNICAL DATA ADVANCED PAL/NTSC ENCODER ORDERING INFORMATION MC13077DW MC13077P TA = 0° to +70°C SO–20L Plastic DIP Order this document by MC13077/D P SUFFIX PLASTIC PACKAGE CASE 738 DW SUFFIX PLASTIC PACKAGE CASE 751D (SO–20L) 20 1 20 1 1 MOTOROLA ANALOG IC DEVICE DATA Advanced PAL/NTSC Encoder The MC13077 is a high quality RGB/YUV to NTSC/PAL encoder with Composite Video and S–Video outputs. The IC integrates the color difference and luma matrix circuitry, chroma modulators, subcarrier oscillator, and logic circuitry to encode component video into a composite video signal compatible with the NTSC/PAL standards. The IC operates off a standard + 5.0 V supply and typically requires less than 75 mA, making it useful in PC environments. The high degree of integration saves board space and cost, as only passive external components are required for operation. The IC is manufactured using Motorola’s MOSAIC ™ process and is available in a 20 pin DIP or SOIC package. • Single 5.0 V Supply • Composite Output • S–Video Outputs • PAL/NTSC Switchable • PAL Squarewave Output • PAL Sequence Resettable • Internal/External Burst Flag • Digitally Determined Modulator Axes • Subcarrier Reference Drive Selectable Simplified Block Diagram 18 1.0 µ 1.0 µ 10 15 16 5 7 6 17 4 20 1 13 12 9 8 14 R–Y Clamp 19 Divide by 512 Burst Flag Out/Force Burst Flag PAL Squarewave Out/ Force NTSC Hsync Latch H/2 H PAL F/F PAL/ NTSC Switch Chroma BPF Chroma Out Chroma In Chroma S–Video Comp Video Luma S–Video 3 2 Luma Clamp Sync In/ Sync Sep Luma Clamp Sync Input R–Y Clamp B–Y Clamp Sync B–Y R–Y B–Y Burst Flag R–Y Burst Flag B–Y Clamp Luma Delay Yin Yout Color Difference and Luma Matrix Blue In Green In Red In 3.58/4.43 MHz In/ PLL Off R LPF PLL Off 45 ° 0 ° 90 ° Countdown Decoder Burst Flag Adjust 3.58/ 4.43 Latch Divide by Four Ring Counter 4x fsc Oscillator 4x fsc Xtal/ 4x fsc Input Gnd 11 VCC 20 p 14.32/ 17.73 1.0 µ 75 75 75 4.7 n 1.0 k 1.2 k 1.2 k 1.1 k © Motorola, Inc. 1996 Rev 2 |
Número de pieza similar - MC13077 |
|
Descripción similar - MC13077 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |