Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

N2576G-3.3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de Pieza. N2576G-3.3
Descripción  52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

N2576G-3.3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
52 KHz 3A Step-Down
Switching Voltage Regulator (SVR)
N2576G-3.3
TO-220, TO263
Lead-Free
Feb-02-2005
NIKO-SEM
TO-220 (5-Lead) MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
9.78
10.16
10.54
H
1.57
1.7
1.83
B
2.61
2.74
2.87
I
6.81
C
J
4.4
4.6
4.8
D
28.5
28.9
29.3
K
1.14
1.27
1.4
E
14.6
15.0
15.4
L
2.3
2.6
2.9
F
8.4
8.8
9.2
M
0.26
0.46
0.66
G
0.73
0.83
0.93
N
7
°


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn