Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2576D2T-ADJ Datasheet(PDF) 9 Page - Motorola, Inc

No. de pieza LM2576D2T-ADJ
Descripción Electrónicos  Easy Switcher 3.0A Step-Down Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2576D2T-ADJ Datasheet(HTML) 9 Page - Motorola, Inc

Back Button LM2576D2T-ADJ Datasheet HTML 5Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 6Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 7Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 8Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 9Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 10Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 11Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 12Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LM2576
9
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description (Refer to Figure 1)
1
Vin
This pin is the positive input supply for the LM2576 step–down switching regulator. In order to minimize
voltage transients and to supply the switching currents needed by the regulator, a suitable input bypass
capacitor must be present (Cin in Figure 1).
2
Output
This is the emitter of the internal switch. The saturation voltage Vsat of this output switch is typically 1.5 V.
It should be kept in mind that the PCB area connected to this pin should be kept to a minimum in order to
minimize coupling to sensitive circuitry.
3
Gnd
Circuit ground pin. See the information about the printed circuit board layout.
4
Feedback
This pin senses regulated output voltage to complete the feedback loop. The signal is divided by the
internal resistor divider network R2, R1 and applied to the non–inverting input of the internal error amplifier.
In the Adjustable version of the LM2576 switching regulator this pin is the direct input of the error amplifier
and the resistor network R2, R1 is connected externally to allow programming of the output voltage.
5
ON/OFF
It allows the switching regulator circuit to be shut down using logic level signals, thus dropping the total
input supply current to approximately 80
µA. The threshold voltage is typically 1.4 V. Applying a voltage
above this value (up to +Vin) shuts the regulator off. If the voltage applied to this pin is lower than 1.4 V or
if this pin is left open, the regulator will be in the “on” condition.
DESIGN PROCEDURE
Buck Converter Basics
The LM2576 is a “Buck” or Step–Down Converter which is
the most elementary forward–mode converter. Its basic
schematic can be seen in Figure 16.
The operation of this regulator topology has two distinct
time periods. The first one occurs when the series switch is
on, the input voltage is connected to the input of the inductor.
The output of the inductor is the output voltage, and the
rectifier (or catch diode) is reverse biased. During this period,
since there is a constant voltage source connected across
the inductor, the inductor current begins to linearly ramp
upwards, as described by the following equation:
I
L(on) +
V
in
–Vout ton
L
During this “on” period, energy is stored within the core
material in the form of magnetic flux. If the inductor is properly
designed, there is sufficient energy stored to carry the
requirements of the load during the “off” period.
Figure 16. Basic Buck Converter
D
Vin
RLoad
L
Cout
Power
Switch
The next period is the “off” period of the power switch.
When the power switch turns off, the voltage across the
inductor reverses its polarity and is clamped at one diode
voltage drop below ground by the catch diode. The current
now flows through the catch diode thus maintaining the load
current loop. This removes the stored energy from the
inductor. The inductor current during this time is:
I
L(off) +
Vout –VD toff
L
This period ends when the power switch is once again
turned on. Regulation of the converter is accomplished by
varying the duty cycle of the power switch. It is possible to
describe the duty cycle as follows:
d
+
ton
T
, where T is the period of switching.
For the buck converter with ideal components, the duty
cycle can also be described as:
d
+
Vout
V
in
Figure 17 shows the buck converter, idealized waveforms
of the catch diode voltage and the inductor current.
Power
Switch
Figure 17. Buck Converter Idealized Waveforms
Power
Switch
Off
Power
Switch
Off
Power
Switch
On
Power
Switch
On
Von(SW)
VD(FWD)
Time
Time
ILoad(AV)
Imin
Ipk
Diode
Diode
Power
Switch


Número de pieza similar - LM2576D2T-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM2576D2T-ADJ ONSEMI-LM2576D2T-ADJ Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
LM2576D2T-ADJ ONSEMI-LM2576D2T-ADJ Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-ADJG ONSEMI-LM2576D2T-ADJG Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-ADJR4 ONSEMI-LM2576D2T-ADJR4 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-ADJR4G ONSEMI-LM2576D2T-ADJR4G Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results

Descripción similar - LM2576D2T-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Components Intern...
LM2576 FCI-LM2576 Datasheet
1,004Kb / 13P
   SMIPLE SWITCHER 3.0A Step-Down Voltage Regulator
logo
Texas Instruments
LMR10530 TI-LMR10530_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 3.0A Step-Down Voltage Regulator in WSON-10
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com