Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMHF283R3S Datasheet(PDF) 6 Page - Interpoint Corporation Company

No. de pieza SMHF283R3S
Descripción Electrónicos  DC/DC CONVERTERS 28 VOLT INPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERPOINT [Interpoint Corporation Company]
Página de inicio  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF283R3S Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button SMHF283R3S Datasheet HTML 2Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 3Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 4Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 5Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 6Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 7Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 8Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 9Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DC/DC CONVERTERS
SMHF SERIES
SINGLE AND DUAL
15 WATT
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
FIGURE 6
FIGURE 8
OUTPUT POWER (Watts)
SMHF2805D EFFICIENCY
40
90
80
70
60
50
2
46
8
10
12
40V
28V
16V
OUTPUT POWER (Watts)
SMHF2815D EFFICIENCY
40
90
80
70
60
50
2
4
6
8
10
12
14
40V
28V
16V
OUTPUT POWER (Watts)
SMHF 2805S EFFICIENCY
40
90
80
70
60
50
246
8
10
12
16V
28V
40V
FIGURE 3
OUTPUT POWER (Watts)
SMHF2812S EFFICIENCY
40
90
80
70
60
50
2
46
8
10
12
14
16V
40V
28V
15
FIGURE 4
OUTPUT POWER (Watts)
SMHF2812D EFFICIENCY
40
90
80
70
60
50
2
46
8
10
12
14
40V
28V
16V
15
FIGURE 7
FIGURE 5
OUTPUT POWER (Watts)
SMHF2815S EFFICIENCY
40
90
80
70
60
50
2
46
8
10
12
14
16V
40V
15
28V
FREQUENCY (kHz)
SMHF SERIES AUDIO REJECTION
–100
0.1
1
10
100
–90
–80
–70
–60
–50
–40
–20
–10
0
–30
FIGURE 9
1ms/div
16V TO 40V
SMHF2805S STEP LINE RESPONSE
VIN
VOUT
FIGURE 10
FIGURE 11
50
µs/div
50%
100%
SMHF2805S STEP LOAD RESPONSE
50% to 100%
100% to 50%
38


Número de pieza similar - SMHF283R3S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
SMHF283R3S INTERPOINT-SMHF283R3S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
SMHF283R3S/KR INTERPOINT-SMHF283R3S/KR Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
SMHF283R3S INTERPOINT-SMHF283R3S_15 Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
More results

Descripción similar - SMHF283R3S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com