Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4373A Datasheet(PDF) 7 Page - Cirrus Logic

No. de pieza CS4373A
Descripción Electrónicos  Low-power, High-performance Test DAC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4373A Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4373A Datasheet HTML 3Page - Cirrus Logic CS4373A Datasheet HTML 4Page - Cirrus Logic CS4373A Datasheet HTML 5Page - Cirrus Logic CS4373A Datasheet HTML 6Page - Cirrus Logic CS4373A Datasheet HTML 7Page - Cirrus Logic CS4373A Datasheet HTML 8Page - Cirrus Logic CS4373A Datasheet HTML 9Page - Cirrus Logic CS4373A Datasheet HTML 10Page - Cirrus Logic CS4373A Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CS4373A
DS699F2
7
AC DIFFERENTIAL MODES 1, 2, 3
Notes: 10. Maximum amplitude for operation above 100 Hz. A reduced amplitude for higher frequencies is required
to guarantee stability of the low-power delta-sigma architecture.
11. Full-scale accuracy compares the defined full-scale 1/1 amplitude to the measured 1/1 amplitude.
Specification is for unloaded outputs. Applying a differential load lowers the output amplitude ratiometric
to the differential output impedance.
12. Relative accuracy compares the measured 1/2,1/4,1/8,1/16,1/32,1/64 amplitude to the measured 1/1
amplitude.
13. Common mode voltage is defined as [(SIG+) + (SIG-)] / 2.
14. Specification is for the parameter over the specified temperature range and is for the device only. It does
not include the effects of external components.
Parameter
Symbol
Min
Typ
Max
Unit
AC Differential Characteristics
Full-scale Differential AC Output
1/1
1/2
1/4
1/8
1/16
1/32
1/64
VACFS
-
-
-
-
-
-
-
5
2.5
1.25
625
312.5
156.25
78.125
-
-
-
-
-
-
-
Vpp
Vpp
Vpp
mVpp
mVpp
mVpp
mVpp
Full-scale Bandwidth
(Note 8)
VACBW
--
100
Hz
Impulse Amplitude
(Note 8, 10)VACIMP
--
-20
dBfs
AC Differential Accuracy
Full-scale Accuracy
1/1
(Note 3, 11)
VACABS
- 0.5
- 0.2
0.2
%FS
Relative Accuracy
1/2
(Note 12)
1/4
1/8
1/16
1/32
1/64
VACREL
- 0.2
-
-
-
-
-
± 0.1
± 0.1
± 0.1
- 0.1 ± 0.2
- 0.2 ± 0.3
- 0.5 ± 0.5
0.2
-
-
-
-
-
%
%
%
%
%
%
Full-scale Drift
(Note 14)VACTC
-25-
µV/°C
DC Common Mode Characteristics
Common Mode
(Note 13)
VACCM
-
(VA-)+2.35
-V
Common Mode Drift
(Note 13, 14)VACCMTC
-300
-
µV/°C


Número de pieza similar - CS4373A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4373 CIRRUS-CS4373 Datasheet
292Kb / 20P
   Low-power, High-performance Delta-Sigma Test DAC
CS4373-IS CIRRUS-CS4373-IS Datasheet
292Kb / 20P
   Low-power, High-performance Delta-Sigma Test DAC
More results

Descripción similar - CS4373A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5373A CIRRUS-CS5373A Datasheet
863Kb / 40P
   Low-power, High-performance Modulator and Test DAC
CS4373 CIRRUS-CS4373 Datasheet
292Kb / 20P
   Low-power, High-performance Delta-Sigma Test DAC
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Cirrus Logic
CS43L36 CIRRUS-CS43L36 Datasheet
1Mb / 89P
   Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
logo
Analog Devices
ADAU1966A AD-ADAU1966A Datasheet
746Kb / 52P
   16-Channel, High Performance DAC
logo
Suzhou Everest Semicond...
ES8156 EVEREST-ES8156 Datasheet
541Kb / 13P
   High Performance Stereo Audio DAC
logo
Analog Devices
ADAU1962A AD-ADAU1962A Datasheet
1Mb / 48P
   12-Channel, High Performance, DAC
logo
Mitel Networks Corporat...
1A191 MITEL-1A191 Datasheet
193Kb / 10P
   High-Performance LED(Test Equipment)
1A398 MITEL-1A398 Datasheet
182Kb / 9P
   High-Performance LED(Test Equipment)
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com