Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS5373A Datasheet(PDF) 6 Page - Cirrus Logic

No. de Pieza. CS5373A
Descripción  Low-power, High-performance Modulator and Test DAC
Descarga  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo 

CS5373A Datasheet(HTML) 6 Page - Cirrus Logic

Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
CS5373A
6
DS703F1
ANALOG INPUT CHARACTERISTICS
Notes: 7. Maximum integrated noise over the measurement bandwidth for the voltage reference device attached
to the VREF
± inputs.
8. Differential anti-alias capacitors are discrete external components and must be of good quality (C0G,
NPO, poly). Poor quality capacitors will degrade total harmonic distortion (THD) performance.
Parameter
Symbol
Min
Typ
Max
Unit
VREF Input
{VREF+} - {VREF-}
(Note 2, 3)
VREF
-
2.500
-
V
VREF-
(Note 4)VREF-
-
VA -
-
V
VREF Input Current, Modulator Only
VREFIMOD
-120
-
µA
VREF Input Current, Modulator + DAC AC Mode
VREFIMAC
-200
-
µA
VREF Input Current, Modulator + DAC DC Mode
VREFIMDC
-160
-
µA
VREF Input Noise
(Note 7)VREFIN
--
1
µVrms
Modulator INR±
, INF± Inputs
External Anti-alias Filter
Series Resistance
(Note 8)
Differential Capacitance
RAA
CAA
-
-
680
20
-
-
nF
Differential Input Impedance
INR
±
INF
±
ZDIFINR
ZDIFINF
-
-
20
1
-
-
k
M
Single-ended Input Impedance
INR
±
INF
±
ZSEINR
ZSEINF
-
-
40
2
-
-
k
M
DAC CAP± Input
External Anti-alias Filter
Differential Capacitance
(Note 8)
CAA
-10-
nF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn