Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AIC1735 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

No. de pieza AIC1735
Descripción Electrónicos  500mA Low Dropout Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIC [Analog Intergrations Corporation]
Página de inicio  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1735 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1735 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1735 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1735 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1735 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1735 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1735 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1735 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AIC1735
4
n TYPICAL PERFORMANCE CHARACTERISTICS
VDROP vs. ILOAD
ILOAD (mA)
0
50
100
150
200
250
300
350
400
450
500
0
100
200
300
400
500
T=25°C
AIC1735-52
VDROP vs. ILOAD
0
50
100
150
200
250
300
350
400
450
500
0
100
200
300
400
500
600
AIC1735-33
T=25°C
ILOAD (mA)
VDROP vs. Temperature
Temperature (
°C)
-40 -30 -20
-10
0
10
20
30
40
50
60
70
80
320
340
360
380
400
420
440
460
480
AIC1735-52
ILOAD=500mA
VDROP vs. Temperature
-40
-20
0
20
40
60
80
460
480
500
520
540
560
580
600
620
640
AIC1735-33
Temperature (
°C)
ILOAD=500mA
Ground Current vs. ILOAD
0
50
100
150
200
250
300
350
400
450
500
43.0
43.5
44.0
44.5
45.0
45.5
46.0
T=25
°C
AIC1735-52
ILOAD (mA)
Ground Current vs. ILOAD
ILOAD (mA)
0
50
100
150
200
250
300
350
400
450
500
43.0
43.5
44.0
44.5
45.0
45.5
46.0
T=25
°C
AIC1735-33


Número de pieza similar - AIC1735

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Intergrations Co...
AIC1735-18XU AIC-AIC1735-18XU Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1735-18XX AIC-AIC1735-18XX Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1735-18XY AIC-AIC1735-18XY Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1735-20XU AIC-AIC1735-20XU Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1735-20XX AIC-AIC1735-20XX Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
More results

Descripción similar - AIC1735

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com