Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2ED020I12-F Datasheet(PDF) 4 Page - eupec GmbH

No. de pieza 2ED020I12-F
Descripción Electrónicos  Dual IGBT Driver IC for eupec Low and Medium Power IGBT Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUPEC [eupec GmbH]
Página de inicio  http://www.eupec.com
Logo EUPEC - eupec GmbH

2ED020I12-F Datasheet(HTML) 4 Page - eupec GmbH

  2ED020I12-F Datasheet HTML 1Page - eupec GmbH 2ED020I12-F Datasheet HTML 2Page - eupec GmbH 2ED020I12-F Datasheet HTML 3Page - eupec GmbH 2ED020I12-F Datasheet HTML 4Page - eupec GmbH 2ED020I12-F Datasheet HTML 5Page - eupec GmbH 2ED020I12-F Datasheet HTML 6Page - eupec GmbH 2ED020I12-F Datasheet HTML 7Page - eupec GmbH 2ED020I12-F Datasheet HTML 8Page - eupec GmbH 2ED020I12-F Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.eupec.com - www.eicedriver.com
Page 4/18
Datasheet and Application
EiceDRIVER™ 2ED020I12-F
1
Overview
The 2ED020I12-F is a high voltage, high speed power IGBT and MOSFET driver of the eupec EiceDRIVER™ family with
interlocking high and low side referenced output channels. The floating high side driver may be supplied directly or by means
of a bootstrap diode and capacitor. In addition to the logic input of each driver the 2ED020I12-F is equipped with a dedicated
shutdown input. All logic inputs are compatible with 3.3 V and 5 V TTL. The output drivers feature a high pulse current buffer
stage designed for minimum driver cross-conduction. Propagation delays are matched to simplify use in high frequency appli-
cations. Both drivers are designed to drive an n-channel power IGBT or MOSFET which operates up to 1200 V. In addition, a
general purpose operational amplifier and a general purpose comparator are provided, which may be used e.g. for current
measurement or over current detection.
Product Highlights
• Fully operational to ±1200 V
• Gate drive supply range from 13 to 18 V
• Gate drive currents of +1 A / –2 A
• Matched propagation delay for both channels
• High dV/dt immunity
• General purpose operational amplifier
• General purpose comparator
Features
• Floating high side driver
• Under-voltage lockout for both channels
• 3.3 V and 5 V TTL compatible inputs
• CMOS Schmitt-triggered inputs with internal pull-down
• CMOS Schmitt-triggered shutdown with internal pull-up
• Non-inverting inputs
• Interlocking inputs
• Dedicated shutdown input with internal pull-up
• IEC compliant (pending)
• UL recognized (pending)
1.1
Coreless transformer (CLT) technology
In various IGBT and power MOSFET driver stages are optocoupler, level shifter or discrete transformer included to overcome
the isolation barrier between the low side input and high side output. All of them have their typical advantages and disadvan-
tages. As an alternative for low and medium power applications the coreless transformer technology combines almost all
advantages and at the same time avoiding almost all disadvantages of these devices by a very cost efficient way and high
voltage isolation capability.
The principle function of the CLT is realized by two coils which are compounded on silicon within one integrated circuit. The
isolation between these coils can withstand in the current design at least up to 1200 V whereby a functional isolation is
achieved. Figure 1 shows a schematic of the internal stages of the IC.
Figure 1
IC schematic


Número de pieza similar - 2ED020I12-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
2ED020I12-F2 INFINEON-2ED020I12-F2 Datasheet
1Mb / 28P
   Dual IGBT Driver IC
Rev. 2.0, 2012-06-05
2ED020I12-FI INFINEON-2ED020I12-FI Datasheet
690Kb / 22P
   Dual IGBT Driver IC
September 2007
More results

Descripción similar - 2ED020I12-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
2ED300C17-ST INFINEON-2ED300C17-ST Datasheet
7Mb / 33P
   Dual IGBT Driver Board For Infineon Medium and High Power IGBT Modules
V3.1 , March 2009
logo
Isahaya Electronics Cor...
VLA502-01 ISAHAYA-VLA502-01 Datasheet
444Kb / 8P
   HYBRID IC DRIVER FOR IGBT MODULES
VLA513-01R ISAHAYA-VLA513-01R Datasheet
234Kb / 6P
   HYBRID IC DRIVER FOR IGBT MODULES
VLA507-01R ISAHAYA-VLA507-01R Datasheet
235Kb / 6P
   HYBRID IC DRIVER FOR IGBT MODULES
VLA500K-01R ISAHAYA-VLA500K-01R Datasheet
320Kb / 6P
   HYBRID IC DRIVER FOR IGBT MODULES
VLA500-01 ISAHAYA-VLA500-01 Datasheet
376Kb / 8P
   HYBRID IC DRIVER FOR IGBT MODULES
logo
eupec GmbH
2ED300C17-S EUPEC-2ED300C17-S Datasheet
477Kb / 32P
   Dual IGBT Driver for Medium and High Power IGBTs
logo
Isahaya Electronics Cor...
M57962K-01R ISAHAYA-M57962K-01R Datasheet
326Kb / 7P
   DRIVER FOR IGBT MODULES
VLA500-02 ISAHAYA-VLA500-02 Datasheet
121Kb / 6P
   DRIVER FOR IGBT MODULES
logo
Infineon Technologies A...
2ED020I12FA INFINEON-2ED020I12FA Datasheet
873Kb / 28P
   Dual IGBT Driver IC
Version 1.2, Jan 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com