Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BSM200GAL120DLC Datasheet(PDF) 8 Page - eupec GmbH

No. de Pieza. BSM200GAL120DLC
Descripción  62mm C-series module with low loss IGBT2 and EmCon diode
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  EUPEC [eupec GmbH]
Página de inicio  http://www.eupec.com
Logo 

BSM200GAL120DLC Datasheet(HTML) 8 Page - eupec GmbH

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Technische Information / technical information
BSM200GAL120DLC
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
#
1
a
+
T
V
#
1
a
+
T
V
#
1
a
+
T
V
#
1
a
+
T
V
>
$
!
T
V
>
$
!
T
V
>
$
!
T
V
>
$
!
T
V
"RNi ( T3gV
"RNi ( T3gV
"RNi ( T3gV
"RNi ( T3gV
@54 ( L2 ,-. (
,
@54 ( L2 ,-. (
,
@54 ( L2 ,-. (
,
@54 ( L2 ,-. (
,
3g u7v
0 60 120 180 240 300 360 420 480 540 600
25
20
15
10
5
0
"RNi2 %&' ( 0 )*+
#
1
a
+
T
V
#
1
a
+
T
V
#
1
a
+
T
V
#
1
a
+
T
V
>
$
!
T
V
>
$
!
T
V
>
$
!
T
V
>
$
!
T
V
"RNi ( T @V
"RNi ( T @V
"RNi ( T @V
"RNi ( T @V
3g ( O
72 ,-. (
,
3g ( O
72 ,-. (
,
3g ( O
72 ,-. (
,
3g ( O
72 ,-. (
,
@ uLv
0
3
5
8 10 13 15 18 20 23 25
30
25
20
15
10
5
0
"RNi2 %&' ( 0 )*+
%
D
>
1
a
+
%
D
>
1
a
+
%
D
>
1
a
+
%
D
>
1
a
+
!
!
!
!
w?Hb- ( T V
w?Hb- ( T V
w?Hb- ( T V
w?Hb- ( T V
u v
0,001
0,01
0,1
1
10
0,001
0,01
0,1
1
w?Hb- 1
Ku B
v
Ku v
0
2
O)
2
00G
2
X0O
2
O
O
2
GX
2
0
2 ) ))
2
GG


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn