Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3028AE Datasheet(PDF) 10 Page - Harris Corporation

No. de pieza CA3028AE
Descripción Electrónicos  Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HARRIS [Harris Corporation]
Página de inicio  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3028AE Datasheet(HTML) 10 Page - Harris Corporation

Back Button CA3028AE Datasheet HTML 4Page - Harris Corporation CA3028AE Datasheet HTML 5Page - Harris Corporation CA3028AE Datasheet HTML 6Page - Harris Corporation CA3028AE Datasheet HTML 7Page - Harris Corporation CA3028AE Datasheet HTML 8Page - Harris Corporation CA3028AE Datasheet HTML 9Page - Harris Corporation CA3028AE Datasheet HTML 10Page - Harris Corporation CA3028AE Datasheet HTML 11Page - Harris Corporation CA3028AE Datasheet HTML 12Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
7-15
FIGURE 26. 100MHz NOISE FIGURE AND POWER GAIN vs
BASE-TO-EMITTER BIAS VOLTAGE (TERMINAL 7)
FOR CA3028A AND CA3028B
FIGURE 27. INPUT ADMITTANCE (Y11) vs FREQUENCY
(CASCODE CONFIGURATION)
FIGURE 28. INPUT ADMITTANCE (Y11) vs FREQUENCY
(DIFFERENTIAL AMPLIFIER CONFIGURATION)
FIGURE 29. REVERSE TRANSADMITTANCE (Y12) vs
FREQUENCY (CASCODE CONFIGURATION)
FIGURE 30. REVERSE TRANSADMITTANCE (Y12) vs
FREQUENCY (DIFFERENTIAL AMPLIFIER
CONFIGURATION)
FIGURE 31. FORWARD TRANSADMITTANCE (Y21) vs
FREQUENCY (CASCODE CONFIGURATION)
Typical Performance Curves (Continued)
POSITIVE DC BIAS VOLTAGE (V)
92
0
POWER GAIN
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, V
CC = +9V, f = 100MHz
5
10
15
20
3
4
5
6
7
8
NOISE FIGURE
FREQUENCY (MHz)
1
100
0
b11
CASCODE CONFIGURATION, TA = 25
oC
IC(STAGE) = 4.5mA, VCC = +9V
1
2
3
4
10
g11
5
6
7
FREQUENCY (MHz)
1
100
10
b11
g11
0
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, V
CC = +9V
1
2
3
IC OF EACH TRANSISTOR = 2.2mA
FREQUENCY (MHz)
1
100
-20
b12
CASCODE CONFIGURATION, TA = 25
oC
IC(STAGE) = 4.5mA, VCC = +9V
-10
-5
0
5
10
g12
10
15
20
-15
b12
g12
FREQUENCY (MHz)
100
10
0
-0.1
-0.2
-0.3
0.1
0.2
0.3
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, V
CC = +9V
IC OF EACH TRANSISTOR = 2.2mA
20
30
40 50 60
80
200
300
CASCODE CONFIGURATION, TA = 25
oC
IC(STAGE) = 4.5mA, VCC = +9V
b21
g21
FREQUENCY (MHz)
1
100
10
-80
-40
-20
0
20
40
60
80
-60
100
23
4
5 6 7 8 9
CA3028A, CA3028B, CA3053


Número de pieza similar - CA3028AE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3028AE INTERSIL-CA3028AE Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028AE HARRIS-CA3028AE Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
More results

Descripción similar - CA3028AE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
CA3054 INTERSIL-CA3054 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com