Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEF6890H Datasheet(PDF) 12 Page - NXP Semiconductors

No. de pieza TEF6890H
Descripción Electrónicos  Car radio integrated signal processor
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6890H Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TEF6890H Datasheet HTML 8Page - NXP Semiconductors TEF6890H Datasheet HTML 9Page - NXP Semiconductors TEF6890H Datasheet HTML 10Page - NXP Semiconductors TEF6890H Datasheet HTML 11Page - NXP Semiconductors TEF6890H Datasheet HTML 12Page - NXP Semiconductors TEF6890H Datasheet HTML 13Page - NXP Semiconductors TEF6890H Datasheet HTML 14Page - NXP Semiconductors TEF6890H Datasheet HTML 15Page - NXP Semiconductors TEF6890H Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
2003 Oct 21
12
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
Stereo decoder and AM path
Vo(FM)(rms)
FM mono output voltage
(RMS value) on
pins LFOUT and RFOUT
fFMMPX = 1 kHz; 91% FM modulation
without pilot (VFMMPX = 698 mV)
750
950
1200
mV
Vo(AM)(rms)
AM output voltage
(RMS value) on
pins LFOUT and RFOUT
fAM = 1 kHz; VAM = 870 mV;
90% AM modulation
800
1080
1360
mV
Gi
input gain on
pins FMMPX, MPXRDS
and AM
see Table 37
ING[1:0] = 00; all inputs
0
dB
ING[1:0] = 01; all inputs
3
dB
ING[1:0] = 10; all inputs
6
dB
ING[1:0] = 11; FMMPX
23.5
dB
ING[1:0] = 11; MPXRDS and AM
0
dB
α
cs
channel separation
fFMMPX = 1 kHz
40
−−
dB
gc(L-R)
roll-off correction for
coarse adjustment of
separation
see Table 21; measure 1 kHz level
for L
− R modulation; compare to
1 kHz level for L + R modulation
CSR[1:0] = 00
0
dB
CSR[1:0] = 01
0.4
dB
CSR[1:0] = 10
0.8
dB
CSR[1:0] = 11
1.2
dB
gf(L-R)
stereo adjust for fine
adjustment of separation
see Table 22; measure 1 kHz level
for L
− R modulation; compare to
1 kHz level for L + R modulation
CSA[3:0] = 0000
0
dB
CSA[3:0] = 0001
0.2
dB
:
:
dB
CSA[3:0] = 1110
2.8
dB
CSA[3:0] = 1111
3.0
dB
S/N
signal-to-noise ratio
fFMMPX = 20 Hz to 15 kHz;
referenced to 1 kHz at 91% FM
modulation; DEMP = 1
(
τde-em =50 µs)
75
−−
dB
THD
total harmonic distortion
FM mode
fFMMPX = 1 kHz
−−
0.3
%
VFMMPX = 50%; L; pilot on
−−
0.3
%
VFMMPX = 50%; R; pilot on
−−
0.3
%
Vo(bal)
mono channel balance
FM mode
−1
+1
dB
α19
pilot signal suppression
9% pilot; fpilot = 19 kHz; referenced
to 1 kHz at 91% FM modulation;
DEMP = 1 (
τde-em =50 µs)
40
50
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
oL
V
oR
----------


Número de pieza similar - TEF6890H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEF6892H PHILIPS-TEF6892H Datasheet
325Kb / 59P
   Car radio integrated signal processor
2003 Oct 21
TEF6894H PHILIPS-TEF6894H Datasheet
319Kb / 55P
   Car radio integrated signal processor
2003 Oct 21
More results

Descripción similar - TEF6890H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEF6892H PHILIPS-TEF6892H Datasheet
325Kb / 59P
   Car radio integrated signal processor
2003 Oct 21
TEF6894H PHILIPS-TEF6894H Datasheet
319Kb / 55P
   Car radio integrated signal processor
2003 Oct 21
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com