Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AT91SAM7X256 Datasheet(PDF) 68 Page - ATMEL Corporation

No. de Pieza. AT91SAM7X256
Descripción  AT91 ARM Thumb-based Microcontrollers
Descarga  664 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo 

AT91SAM7X256 Datasheet(HTML) 68 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 68 / 664 page
background image
68
6120D–ATARM–02-Feb-06
AT91SAM7X256/128 Preliminary
14.4.3
Reset Controller Mode Register
Register Name:
RSTC_MR
Access Type:
Read/Write
• URSTEN: User Reset Enable
0 = The detection of a low level on the pin NRST does not generate a User Reset.
1 = The detection of a low level on the pin NRST triggers a User Reset.
• URSTIEN: User Reset Interrupt Enable
0 = USRTS bit in RSTC_SR at 1 has no effect on rstc_irq.
1 = USRTS bit in RSTC_SR at 1 asserts rstc_irq if URSTEN = 0.
• BODIEN: Brownout Detection Interrupt Enable
0 = BODSTS bit in RSTC_SR at 1 has no effect on rstc_irq.
1 = BODSTS bit in RSTC_SR at 1 asserts rstc_irq.
• ERSTL: External Reset Length
This field defines the external reset length. The external reset is asserted during a time of 2
(ERSTL+1) Slow Clock cycles. This
allows assertion duration to be programmed between 60 µs and 2 seconds.
•KEY: Password
Should be written at value 0xA5. Writing any other value in this field aborts the write operation.
31
30
29
28
27
26
25
24
KEY
23
22
21
20
19
18
17
16
–––––––
BODIEN
15
14
13
12
11
10
9
8
––––
ERSTL
76543210
–––
URSTIEN
–––
URSTEN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn